E3G-R17
AI

The **E3G-R17** is a high-performance, long-distance retro-reflective photoelectric sensor manufactured by Omron. It is designed for industrial automation environments where robust detection is required over significant distances.
---
## 1. Core Technical Specifications
The following table outlines the primary electronic and operational characteristics of the E3G-R17:
| Feature | Specification |
| :--- | :--- |
| **Sensing Method** | Retro-reflective (requires a reflector) |
| **Sensing Distance** | 10 meters (when using E39-R2 reflector) |
| **Supply Voltage** | 12 to 240 VDC / 24 to 240 VAC (Multi-voltage) |
| **Output Type** | Relay Output (SPDT - Single Pole Double Throw) |
| **Control Output** | 3A at 250 VAC (Resistive load) |
| **Response Time** | 30 ms Max. |
| **Light Source** | Infrared LED (Non-visible) |
| **Connection** | Terminal Block / Conduit entry |
---
## 2. Key Electronic Components & Internal Design
### A. The Emitter and Receiver
The E3G-R17 utilizes an **Infrared (IR) LED** emitter and a **Photodiode** receiver housed within the same unit. Because it is a retro-reflective sensor, the IR beam travels to a reflector and back. The electronics analyze the interruption of this light circuit.
### B. Multi-Voltage Power Supply
One of the standout electronic features is its **Universal Voltage** capability.
* It contains an internal switching power supply or voltage regulator circuit that allows it to accept both high-voltage AC and low-voltage DC without manual adjustment.
* This makes it versatile for different industrial power grids.
### C. Relay Output Circuitry
Unlike NPN/PNP transistor-based sensors, the E3G-R17 uses a physical **Relay**.
* **Advantages:** It can switch high-current AC loads directly.
* **Durability:** The relay provides electrical isolation between the sensor's internal logic and the load being switched.
---
## 3. Configuration & Adjustments
The sensor includes several user-serviceable electronic adjustments located under the protective cover:
1. **Sensitivity Adjuster:** A multi-turn potentiometer to fine-tune the sensing threshold (useful for detecting translucent objects).
2. **Operation Mode Switch:** Allows the user to toggle between:
* **Light-ON:** Output energizes when the beam is unobstructed.
* **Dark-ON:** Output energizes when an object breaks the beam.
3. **Timer Functions:** Some variants of the E3G series include an ON-delay, OFF-delay, or One-shot timer module built into the circuit.
---
## 4. Wiring Diagram Representation
The terminal block typically follows this standard industrial layout:
```text
Terminal 1 & 2: Power Supply (12-240V AC/DC, non-polar)
Terminal 3: Common (COM) - Relay Contact
Terminal 4: Normally Closed (NC) - Relay Contact
Terminal 5: Normally Open (NO) - Relay Contact
```
---
- ⤷
What is the difference between the E3G-R17 and the E3G-MR19 models?
- ⤷ How do I wire this sensor to a PLC input?
- ⤷ What are the mounting requirements for the E39-R2 reflector used with this sensor?