E3ZM-R86
AI

## Overview of E3ZM-R86
The **E3ZM-R86** is a high-performance, compact photoelectric sensor developed by OMRON. It is specifically designed for the food and beverage industry, featuring a stainless steel housing (SUS316L) to withstand harsh cleaning environments and high-pressure washdowns.
---
### Technical Specifications
The following table outlines the core electronic and physical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Sensing Method** | Retro-reflective with MSR (Mirror Surface Rejection) function |
| **Sensing Distance** | 100 mm to 4 m (with E39-R1S reflector) |
| **Output Configuration** | PNP Open Collector |
| **Operating Voltage** | 10 to 30 VDC (including 10% ripple) |
| **Current Consumption** | 30 mA maximum |
| **Control Output** | 100 mA max at 30 VDC |
| **Response Time** | Operate or reset: 1 ms max |
| **Connection Type** | M8 Connector (4-pin) |
| **Protection Circuitry** | Power supply reverse polarity, Output short-circuit, Mutual interference prevention |
---
### Key Electronic Components & Functions
#### 1. Light Source (Emitter)
The device uses a **Point-source Visible Red LED**. The visible beam makes alignment easier during installation, and the point-source nature allows for precise detection of small objects.
#### 2. PNP Open Collector Output
As a PNP-type sensor, the output terminal connects the load to the positive side of the power supply when the sensor is triggered.
* **Light-ON / Dark-ON:** Selectable via wiring or a switch (depending on the specific sub-model configuration).
#### 3. MSR (Mirror Surface Rejection)
This internal electronic function allows the sensor to distinguish between the light reflected from the dedicated reflector and the light reflected from a shiny (mirror-like) object. This prevents false triggers when sensing metallic or glossy targets.
#### 4. Protection and Durability
* **IP69K Rating:** The electronics are hermetically sealed to prevent water ingress during high-pressure and high-temperature steam cleaning.
* **Detergent Resistance:** The housing and optical cover are resistant to common alkaline and acidic cleaning agents.
---
### Connection Diagram (M8 Connector)
Below is the standard pinout for the M8 4-pin connector used by the E3ZM-R86:
```text
Pin 1: +V (10 to 30 VDC)
Pin 2: L/D Control (Light-ON/Dark-ON selection)
Pin 3: 0V (GND)
Pin 4: Output (PNP)
```
---
- ⤷
What is the difference between the E3ZM-R86 and the E3ZM-R66 NPN version?
- ⤷ Which specific reflectors are compatible with the E3ZM-R86 to achieve the maximum 4m range?
- ⤷ How does the MSR function electronically distinguish between a reflector and a shiny object?