E5C2-R20JD
AI

## Overview of the Omron E5C2-R20JD
The **Omron E5C2-R20JD** is a basic, analog DIN-sized (48x48mm) temperature controller. It is widely used in industrial applications for simple ON/OFF control or proportional control where a digital display is not required.
---
### 1. Key Electronic Specifications
The "R20JD" suffix provides specific details about the input type, output type, and voltage.
| Specification | Details |
| :--- | :--- |
| **Input Type** | J-Type Thermocouple (Fe-CuNi) |
| **Control Mode** | ON/OFF or PD (Proportional-Derivative) |
| **Output Type** | Relay Contact (SPDT) |
| **Supply Voltage** | 100 to 240 VAC (50/60 Hz) |
| **Setting Method** | Analog Dial (Potentiometer) |
| **Relay Rating** | 3A at 250 VAC (Resistive load) |
---
### 2. Internal Electronic Components & Operation
The E5C2 series relies on solid-state circuitry to process the low-voltage signal from the thermocouple and trigger a mechanical relay.
* **Thermocouple Interface:** Since the input is a J-type thermocouple, the device includes cold-junction compensation circuitry to ensure accuracy across varying ambient temperatures.
* **Comparator Circuit:** It compares the millivolt signal from the thermocouple against the voltage set by the front-panel potentiometer.
* **Control Mechanism:**
* **ON/OFF:** The relay engages when the temperature is below the set point and disengages when it is above.
* **Proportional Band:** Usually fixed at 3% of the full scale to prevent rapid cycling (chattering) near the setpoint.
* **The Output Relay:** A mechanical SPDT relay acts as a switch. It is recommended to use an external contactor if you are driving high-power heating elements.
---
### 3. Connection Pinout (8-Pin Plug-in)
The E5C2-R20JD typically uses a circular 8-pin socket (P2CF-08).
| Pin Number | Function |
| :---: | :--- |
| **1** | Common (Relay) |
| **3** | NO - Normally Open (Relay) |
| **4** | NC - Normally Closed (Relay) |
| **2 & 7** | Power Supply (100-240 VAC) |
| **8 (+)** | Thermocouple Input (Positive) |
| **1 (-)** | Thermocouple Input (Negative) |
---
### 4. Implementation Tips
* **Shielding:** Use compensated lead wires for the J-type thermocouple to avoid signal interference.
* **Protection:** Since the internal output is a mechanical relay, use an **RC Snubber** circuit if you are switching inductive loads to prevent contact arcing.
* **Scale:** Ensure the temperature range on the dial (e.g., 0-200°C or 0-400°C) matches your specific model's calibrated range.
- ⤷What are the main differences between the E5C2 and the E5CC digital series?
- ⤷ How do I wire a J-type thermocouple to this controller to avoid polarity errors?
- ⤷ Can the E5C2-R20JD be used to drive a Solid State Relay (SSR)?