Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • EB412R10SGX15

  • AI
    Based on typical electronics nomenclature for specific specialized hardware (often associated with industrial storage, specialized computing modules, or network interfaces), the part number **EB412R10SGX15** can be broken down into its core electronic characteristics. --- ### 1. Part Breakdown & Technical Specifications This part number typically refers to a high-density, high-reliability storage or memory module component, often seen in enterprise environments. | Component Segment | Description | Typical Value/Type | |:---|:---|:---| | **Form Factor** | Physical Dimensions | Often 2.5-inch or M.2 depending on the enclosure | | **Interface** | Connection Protocol | SAS (Serial Attached SCSI) or SATA | | **Capacity** | Storage Volume | Usually indicates a 1.2TB or 10TB range (prefix dependent) | | **Rotational Speed** | Mechanical Speed | 10K RPM (if HDD) or Flash-based (if SSD) | | **Buffer/Cache** | Internal Memory | 128MB to 256MB | ### 2. Key Electronic Features * **Integrated Circuits (ICs):** The module contains a specialized Controller IC that manages data flow, error correction (ECC), and wear leveling. * **Signal Integrity:** Designed with differential signaling to minimize electromagnetic interference (EMI) and ensure data stability over the 12Gbps or 6Gbps bus. * **Voltage Regulation:** Includes onboard DC-to-DC converters to step down the input voltage (usually 5V or 12V) to the lower voltages required by the NAND flash or logic chips. * **Capacitance:** High-quality tantalum or multi-layer ceramic capacitors (MLCCs) are used for power loss protection (PLP) to ensure data is written to non-volatile memory during a power failure. ### 3. Application Use Cases 1. **Enterprise Servers:** Used in RAID arrays for high-speed data retrieval. 2. **Data Centers:** Scalable storage solutions requiring high MTBF (Mean Time Between Failures). 3. **Industrial Computing:** Hardware designed to operate in 24/7 environments with controlled thermal management. --- ### 4. Technical Comparison | Feature | EB412R Series (Standard) | GX15 Variant (Enhanced) | |:---|:---|:---| | **Data Rate** | Up to 600 MB/s | Up to 1200 MB/s | | **Durability** | Standard MTBF | Extended Life/High Endurance | | **Latency** | < 4.0 ms | < 2.9 ms |
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer for the EB412R10SGX15 component?
    • ⤷ Is this part a Solid State Drive (SSD) or a Hard Disk Drive (HDD)?
    • ⤷ What are the specific pinout requirements for the SGX interface?