Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • EB412R12

  • AI
    The **EB412R12** is typically classified as a **Power Distribution Unit (PDU)** or a **Remote Power Switch** module, often used in telecommunications, server racks, or industrial automation. It is designed to manage and protect electrical circuits remotely. --- ### ## Technical Specifications Overview The electronic composition of the EB412R12 focuses on high-current switching and circuit protection. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 12V DC (Standard for internal control) | | **Channel Count** | 4 to 12 Channels (Model dependent) | | **Max Current** | 10A - 12A per channel | | **Control Logic** | RS232, RS485, or Ethernet (Web-based) | | **Mounting** | 1U Rackmount or DIN Rail | --- ### ### Core Electronic Components The device is built using several distinct electronic layers to ensure safety and functionality: 1. **Microcontroller (MCU):** The "brain" of the unit. It processes incoming commands via serial or network interfaces and triggers the switching logic. 2. **Electromechanical Relays:** These are the physical switches that open or close the circuit. They provide galvanic isolation between the low-voltage control side and the high-voltage load side. 3. **Optocouplers:** Used to isolate the MCU from the relay coils to prevent back-EMF (Electromotive Force) from damaging the logic board. 4. **Current Sensors:** Hall-effect sensors or shunt resistors are often integrated to monitor the load on each channel for over-current protection. 5. **Voltage Regulators:** Internal step-down converters (e.g., Buck converters) that stabilize the input power for the 3.3V or 5V logic chips. --- ### ### Key Functionalities * **Sequential Power-Up:** Prevents "Inrush Current" issues by powering on connected devices one by one with a slight delay. * **Remote Reboot:** Allows administrators to power cycle a frozen server or router via a network interface. * **Surge Protection:** Integrated Metal Oxide Varistors (MOVs) to protect downstream equipment from voltage spikes. * **Status Indicators:** LED arrays on the front panel indicating the "Active" or "Fault" status of every individual port. --- ### ### Typical Wiring Diagram Concept ```text [ Power Input ] ----> [ Fuse/Breaker ] ----> [ Relay K1 ] ----> [ Output 1 ] | [ Control Bus ] ----> [ Microprocessor ] ----> [ Relay K2 ] ----> [ Output 2 ] ```
    ✨ Follow-up Questions
    • ⤷ What is the specific communication protocol used by the EB412R12 for remote management?
    • ⤷ Does this model include thermal shutdown features for high-density racks?
    • ⤷ Can the EB412R12 be integrated into SNMP-based monitoring systems?