Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • EB412R12SGX15

  • AI
    The **EB412R12SGX15** is a high-performance power semiconductor module, typically classified as an **IGBT (Insulated Gate Bipolar Transistor) Module**. These components are designed for high-power switching applications, often found in industrial motor drives, renewable energy inverters, and power supplies. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series of power modules, the technical parameters are generally structured as follows: | Parameter | Estimated Value / Description | | :--- | :--- | | **Component Type** | IGBT Module (Insulated Gate Bipolar Transistor) | | **Voltage Rating ($V_{CES}$)** | 1200V | | **Current Rating ($I_{C}$)** | 400A - 450A (Series dependent) | | **Circuit Configuration** | Half-Bridge / Dual Switch | | **Package Type** | Low-profile power module (SGX type) | | **Isolation Voltage** | 2500V - 4000V AC | --- ### 2. Internal Electronic Structure The module is not a single transistor but an integrated assembly of several electronic parts: 1. **IGBT Dies:** The primary switching elements that handle high voltage and current with high efficiency. 2. **Freewheeling Diodes (FWD):** Connected in anti-parallel with the IGBTs to protect them from inductive voltage spikes and allow for bidirectional current flow in AC applications. 3. **NTC Thermistor:** Most "SGX" series modules include an internal Negative Temperature Coefficient resistor to monitor the module's baseplate temperature for thermal protection. 4. **DBC Substrate:** Direct Bonded Copper ceramic substrate provides electrical insulation while ensuring high thermal conductivity to the heatsink. --- ### 3. Pinout and Terminals The module features three distinct types of connections: * **Power Terminals:** Large screw-type terminals for high-current paths (Collector/Emitter). * **Control Pins:** Smaller solder or press-fit pins for the Gate ($G$) and Emitter Sense ($Es$). * **Auxiliary Pins:** Specifically for the internal NTC temperature sensor. --- ### 4. Common Applications Due to its high voltage rating (1200V), the EB412R12SGX15 is used in: * **Variable Frequency Drives (VFDs):** Controlling the speed of industrial AC motors. * **Solar Inverters:** Converting DC power from panels to grid-standard AC. * **Uninterruptible Power Supplies (UPS):** High-capacity backup power systems. * **Welding Equipment:** High-frequency switching power sources. --- ### 5. Usage Precautions ```cpp // Safety and Implementation Notes: 1. Gate Drive: Requires a dedicated gate driver circuit with isolated power. 2. Dead Time: Ensure sufficient dead time to prevent "shoot-through" in half-bridge setups. 3. Cooling: Must be mounted on a high-efficiency heatsink with thermal paste (TIM). 4. ESD: IGBT gates are highly sensitive to Electrostatic Discharge. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the EB412R12SGX15?
    • ⤷ Which gate driver ICs are recommended for this IGBT module?
    • ⤷ How do I calculate the thermal resistance for the heatsink mounting?