ECM25T-R39
AI

The **ECM25T-R39** is a high-performance, compact current sensor based on the **Fluxgate (Closed-loop)** technology. It is primarily used for the precise measurement of DC, AC, and pulse currents with high galvanic isolation between the primary circuit and the secondary circuit.
---
### ## Technical Specifications
Below are the core electronic characteristics of the ECM25T-R39:
| Parameter | Specification |
| :--- | :--- |
| **Primary Nominal Current ($I_{pn}$)** | 25 A |
| **Measuring Range ($I_{pm}$)** | 0 to ±39 A |
| **Supply Voltage ($V_c$)** | +5V DC (±5%) |
| **Output Type** | Ratiometric Voltage Output |
| **Offset Voltage** | 2.5V (at zero primary current) |
| **Accuracy** | ±0.5% at +25°C |
| **Bandwidth** | DC to 200 kHz |
| **Response Time** | < 0.3 μs |
---
### ### Key Electronic Components & Internal Logic
1. **Fluxgate Sensor Element:** Unlike standard Hall Effect sensors, the ECM25T-R39 uses a magnetic induction method (Fluxgate). This provides superior stability against temperature drifts and higher sensitivity.
2. **Compensation Coil:** Since it is a "Closed-loop" device, an internal compensation current is generated to create a magnetic field that opposes the primary current's field, maintaining zero flux in the core.
3. **Signal Processing ASIC:** An internal Application-Specific Integrated Circuit (ASIC) handles the high-frequency oscillation required for the fluxgate and converts the compensation current into a usable voltage output.
4. **Reference Pin ($V_{ref}$):** This allows the user to provide an external reference or use the internal 2.5V reference to calculate the current flow relative to the midpoint.
---
### ### Typical Application Circuit
To integrate this part, a basic decoupling capacitor setup is required to ensure signal integrity.
```cpp
// Schematic representation of pin connections
Pin 1 (Vcc): +5V DC
Pin 2 (GND): 0V
Pin 3 (Vout): To Analog-to-Digital Converter (ADC)
Pin 4 (Vref): Reference Voltage (2.5V)
Primary: Current wire passes through the center hole/pins
```
---
### ### Core Advantages
* **High Linearity:** Excellent performance even at low current levels.
* **Low Temperature Drift:** Fluxgate technology minimizes the "offset creep" common in Hall sensors.
* **Galvanic Isolation:** High insulation voltage (typically up to 4kV) protecting low-voltage control electronics from high-power primary lines.
- ⤷
How does fluxgate technology compare to Hall Effect sensors in terms of noise?
- ⤷ What is the specific pinout configuration for the ECM25T-R39?
- ⤷ Can this sensor be used for bidirectional current sensing?