Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • EM3588-RTR

  • AI
    ## Overview of the EM3588-RTR The **EM3588-RTR** is a specific variant of the Ember (now Silicon Labs) Zigbee/IEEE 802.15.4 System-on-Chip (SoC). It belongs to the **EM358x family**, which is widely used in smart home automation, smart energy, and lighting systems. --- ### 1. Core System Architecture The EM3588 is designed as a high-performance integrated solution for wireless sensor networks. | Component | Specification | | :--- | :--- | | **Processor Core** | ARM® Cortex®-M3 (32-bit) | | **CPU Speed** | 12 MHz or 24 MHz | | **Flash Memory** | 512 KB | | **RAM** | 64 KB | | **Radio Protocol** | Zigbee, Thread, IEEE 802.15.4 | --- ### 2. Radio Frequency (RF) Subsystem The device features a highly integrated 2.4 GHz transceiver that reduces the need for external components. * **Integrated PA/LNA:** Includes a high-efficiency Power Amplifier (PA) and Low Noise Amplifier (LNA). * **Receive Sensitivity:** Approximately -100 dBm (Standard) to -102 dBm (Boost mode). * **Transmit Power:** Configurable up to +8 dBm (native). * **Antenna Interface:** Single-ended RF port with integrated Balun (simplifies antenna matching). --- ### 3. Key Electronic Peripherals The "RTR" suffix refers to the packaging and delivery (Reel), but the internal electronic peripherals are robust: * **USB Interface:** A dedicated full-speed USB 2.0 device peripheral (integral to the 358x series). * **ADC:** 12-bit Analog-to-Digital Converter with 6 input channels. * **Serial Interfaces:** * **SC1/SC2:** Configurable for UART, SPI, or I2C. * **Timers:** Multiple 16-bit general-purpose timers and a 24-bit sleep timer. * **Security:** Hardware AES-128 encryption engine and a true random number generator (TRNG). --- ### 4. Power Management The EM3588 is designed for battery-operated devices and energy efficiency. * **Voltage Range:** 2.1V to 3.6V DC. * **Sleep Current:** < 1 µA in deep sleep mode with RAM retention. * **Integrated Regulator:** Built-in 1.8V voltage regulator for core logic. --- ### 5. Part Number Suffix Meaning (RTR) In the context of Silicon Labs/Ember electronic parts, the suffix is critical for procurement: | Suffix | Meaning | | :--- | :--- | | **EM3588** | Base Part Number (IC Family) | | **-RT** | Packaging: Tape & Reel (Small/Partial) | | **-RTR** | **Reel (Full Reel)**: Indicates the part is delivered on a standard 13-inch tape and reel for automated SMT (Surface Mount Technology) assembly. | --- ### 6. Common Applications * **Smart Lighting:** Zigbee-enabled LED bulbs. * **Home Security:** Door/window sensors and motion detectors. * **Smart Energy:** In-home displays and smart meters. * **Gateways:** USB-to-Zigbee bridges (utilizing the EM3588's internal USB controller).
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the EM3588 and the newer EFR32 series?
    • ⤷ How is the USB peripheral typically used in a Zigbee gateway design?
    • ⤷ What development tools are required to program the EM3588-RTR?