Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • ESS150

  • AI
    The **ESS150** typically refers to a 150W Enclosed Switching Power Supply, a common industrial electronic component used to convert AC line voltage into a stable DC output. Below is a detailed breakdown of its electronic parts and functional architecture. --- ### 1. Key Technical Specifications Most ESS150 units share the following general electronic characteristics: | Component Metric | Standard Value | | :--- | :--- | | **Input Voltage Range** | 85–264V AC or 120–370V DC | | **Output Power** | 150 Watts | | **Common Output Voltages** | 12V, 24V, or 48V DC | | **Efficiency** | ~85% to 90% | | **Cooling Method** | Natural Convection or Forced Air | --- ### 2. Functional Electronic Blocks The ESS150 is comprised of several critical stages that manage electricity from input to output: #### A. Input Filtering & Protection * **EMI Filter:** A combination of capacitors (X/Y caps) and inductors (chokes) that prevent electromagnetic interference from leaking back into the power grid. * **MOV (Metal Oxide Varistor):** Protects the internal circuits against high-voltage surges or lightning strikes. * **NTC Resistor:** Limits "inrush current" when the device is first turned on to prevent blowing fuses. #### B. Rectification & Bulk Storage * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal. * **Bulk Electrolytic Capacitor:** Acts as a reservoir to smooth out the pulsating DC, providing a high-voltage DC bus (typically around 310V–380V). #### C. Switching Stage (The "Heart") * **PWM Controller IC:** The "brain" that modulates the pulse width to maintain a steady output voltage regardless of load changes. * **MOSFET (Switching Transistor):** High-speed switches that turn the DC bus on and off thousands of times per second (kHz range) to drive the transformer. #### D. Isolation & Secondary Rectification * **High-Frequency Transformer:** Provides galvanic isolation (safety) between the high-voltage input and low-voltage output. * **Schottky Diodes:** Rectify the high-frequency AC from the transformer back into DC. They are chosen for their low voltage drop and fast switching speeds. * **Output Filter (LC Circuit):** Inductors and low-ESR capacitors that "smooth" the final DC output to reduce ripple and noise. --- ### 3. Safety and Feedback Components To ensure the output remains precise, the ESS150 uses a **Feedback Loop**: 1. **Opto-isolator:** Sends a signal from the output side back to the input controller using light, ensuring there is no electrical connection between the two for safety. 2. **TL431 Voltage Reference:** A precision shunt regulator that monitors the output voltage and tells the opto-isolator when to adjust the switching speed. --- ### 4. Circuit Protection Features The electronic design includes built-in safeguards: * **Overload Protection:** Shuts down or limits current if the connected device draws more than 150W. * **Overvoltage Protection (OVP):** Uses a Zener diode or sensing circuit to shut down if the output voltage spikes, protecting sensitive electronics. * **Short Circuit Protection:** Automatically recovers once a short is removed.
    ✨ Follow-up Questions
    • ⤷ What are the differences between a 12V and 24V ESS150 model in terms of internal components?
    • ⤷ How does the efficiency of the ESS150 change under different load conditions?
    • ⤷ What are the thermal management requirements for an enclosed 150W power supply?