Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • ET70-R

  • AI
    The **ET70-R** is a prominent industrial-grade **Touchscreen HMI (Human Machine Interface)** commonly used in automation control systems. It is designed to facilitate communication between human operators and industrial machinery (PLCs, sensors, etc.). Below is a breakdown of the core electronic components and technical specifications for the ET70-R. --- ### 1. Core Hardware Specifications The internal electronics are optimized for stability, low power consumption, and high-speed data processing. | Component | Specification Details | | :--- | :--- | | **Processor (CPU)** | 32-bit RISC CPU (High-performance, low power) | | **Display Panel** | 7-inch TFT LCD | | **Resolution** | 800 x 480 Pixels | | **Memory (RAM)** | 128MB DDR3 | | **Storage (Flash)** | 128MB Flash Memory | | **Touch Panel** | 4-wire high-precision resistive touch screen | | **Backlight** | LED (Life span > 30,000 hours) | --- ### 2. Communication Interfaces The electronic board of the ET70-R includes several physical ports to handle industrial protocols (Modbus, Profinet, etc.). * **Serial Ports (COM):** * **COM1:** Typically RS-232/RS-485/RS-422. * **COM2:** RS-485. Used to connect directly to PLCs like Siemens, Delta, Mitsubishi, or Omron. * **USB Port:** * **USB Host:** For connecting a mouse, keyboard, or USB flash drive (data logging). * **USB Client:** For high-speed project downloading from a PC. * **Ethernet Port (Optional/Model dependent):** RJ45 interface for LAN communication and remote monitoring. --- ### 3. Power Supply and Protection Industrial environments are electrically "noisy," so the ET70-R electronics include robust protection circuits. * **Input Voltage:** DC 24V (Range: DC 12V ~ 28V). * **Power Consumption:** Approx. 4W. * **Electrical Isolation:** Built-in isolation circuits to protect against power surges and electromagnetic interference (EMI). * **FCC/CE Compliance:** The PCB (Printed Circuit Board) is designed to meet industrial electromagnetic compatibility standards. --- ### 4. Environmental & Material Features * **Protection Level:** The front panel is typically rated **IP65** (Dust-tight and protected against water jets). * **Cooling:** Fanless design using natural air convection, reducing the risk of mechanical failure. * **RTC (Real Time Clock):** Includes a built-in battery-backed clock for time-stamping alarms and events. --- ### 5. Typical Wiring Diagram (Simplified) ```text [ Power Source ] ----> [ DC 24V Port ] ----> [ Internal DC-DC Converter ] | [ PLC / Controller ] <-> [ RS485/RS232 ] <--- [ Logic Controller ] | [ User Interaction ] <--- [ Touch Layer ] <--- [ TFT Display ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible PLC brands for the ET70-R communication ports?
    • ⤷ How do I update the firmware or download projects to the ET70-R?
    • ⤷ What software is required to program the ET70-R HMI?