AI

The **EX77424-R4ST** is an industrial-grade managed Ethernet switch manufactured by EtherWAN. It is specifically designed for harsh environments, such as power substations, traffic control, and industrial automation.
---
### ## Technical Overview and Port Configuration
The device is a "Hardened" Managed Switch that offers a combination of high-speed fiber connectivity and standard copper ports.
| Feature | Specification |
| :--- | :--- |
| **Total Ports** | 28 Ports |
| **Port Breakdown** | 24 x 10/100BASE-TX (RJ45) + 4 x 10/100/1000BASE-T/SFP Combo ports |
| **Switching Capacity** | 12.8 Gbps |
| **Operating Temp** | -40°C to 75°C (-40°F to 167°F) |
| **Mounting** | 1U 19" Rack-mount |
---
### ### Key Electronic Components and Features
#### 1. Power Supply Architecture
* **Redundancy:** It typically supports redundant power inputs to ensure zero downtime.
* **Voltage Range:** Designed to handle wide DC input ranges (e.g., 18-60VDC) or high-voltage AC/DC options depending on the specific sub-model.
* **Protection:** Includes reverse polarity protection and overload current protection.
#### 2. Networking Integrated Circuits (ICs)
* **ASIC Controller:** Uses specialized Application-Specific Integrated Circuits for wire-speed switching, ensuring that data packets are processed at the hardware level with minimal latency.
* **Management CPU:** Contains an embedded processor to handle the Layer 2 management suite (Web UI, SNMP, Telnet, and CLI).
#### 3. Industrial Hardening (Circuit Protection)
* **ESD Protection:** High-level Electrostatic Discharge protection on all ports.
* **Surge Protection:** Built-in surge protection for power and data lines to prevent damage from lightning or inductive switching.
* **Fanless Design:** The internal circuitry is optimized for thermal dissipation through the aluminum chassis, removing the need for fans (a common point of mechanical failure).
#### 4. Physical Layer (PHY) & Memory
* **SFP Slots:** The "4ST" designation refers to the combo ports which use SFP (Small Form-factor Pluggable) transceivers for long-distance optical communication.
* **Buffer Memory:** Includes packet buffer memory to handle bursts of data traffic without dropping packets.
---
### ### Management Capabilities
The electronic firmware supports several advanced protocols:
* **Redundancy Protocols:** STP/RSTP/MSTP and EtherWAN’s proprietary **Alpha-Ring**, which provides a recovery time of less than 15ms.
* **VLAN Support:** Port-based, Tag-based (802.1Q), and GVRP.
* **Security:** MAC address filtering, port security, and 802.1x authentication.
---
- ⤷
What are the specific power input options for the EX77424 series?
- ⤷ Does this model support Power over Ethernet (PoE)?
- ⤷ What is the difference between Alpha-Ring and standard RSTP?