Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • F2VF-F2-R

  • AI
    The **F2VF-F2-R** is a specific model of an automotive-grade cooling fan, typically manufactured by **Denso** or associated Tier-1 suppliers for major automotive brands like Ford. It is an integral part of the Engine Cooling Module. ### 1. Component Overview This part is a high-performance **brushless DC (BLDC)** radiator fan assembly. Unlike older brushed motors, this unit integrates an Electronic Control Unit (ECU) directly into the motor housing to manage speed and efficiency. --- ### 2. Key Electronic Specifications The electronic architecture is designed for high-current loads and precise thermal management. | Parameter | Specification | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Operating Voltage** | 9V to 16V DC (12V Nominal) | | **Control Signal** | Pulse Width Modulation (PWM) | | **In-rush Current** | Up to 40A - 60A (depending on load) | | **Feedback Mechanism** | Hall Effect Sensors (Internal) | | **Protection Grade** | IP67 (Dust & Water Resistant) | --- ### 3. Electronic Functional Blocks The "R" suffix often denotes a specific revision or resistor-integrated variant. Inside the motor housing, the following electronic subsystems exist: #### A. Power Stage (Inverter) Since it is a BLDC motor, the internal electronics convert the DC battery voltage into a 3-phase AC-like signal to drive the motor windings. This is handled by high-power **MOSFETs** (Metal-Oxide-Semiconductor Field-Effect Transistors) mounted on a heat sink. #### B. PWM Controller The fan does not simply turn "On" or "Off." It receives a **PWM signal** from the vehicle's Powertrain Control Module (PCM). * **Low Duty Cycle:** Fan stays off or runs at minimum RPM. * **High Duty Cycle:** Fan runs at maximum RPM. * **Failsafe:** Many versions are designed to run at 100% speed if the PWM signal wire is cut (to prevent engine overheating). #### C. Protection Circuitry The onboard electronics monitor for several fault conditions: * **Over-temperature Protection:** Limits current if the motor gets too hot. * **Locked Rotor Protection:** Cuts power if debris prevents the blades from spinning to prevent a fire. * **Over-voltage/Under-voltage:** Shuts down if the alternator spikes or the battery is too low. --- ### 4. Connector Pinout (Typical) The electrical interface usually consists of a heavy-duty 3-pin or 4-pin connector: 1. **B+ (Power):** Direct connection to the battery/fuse box (usually via a 50A+ fuse). 2. **GND (Ground):** Chassis ground. 3. **PWM (Signal):** Low-current control wire from the Engine ECU. 4. **Diagnostic (Optional):** Some variants provide a feedback signal to tell the car the actual RPM. ---
    ✨ Follow-up Questions
    • ⤷ How does the PWM signal determine the specific RPM of the F2VF-F2-R fan?
    • ⤷ What are the common failure modes for the internal MOSFETs in this fan assembly?
    • ⤷ Can this fan be tested using a standard 12V battery without a PWM controller?