Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • FFS-R57A4

  • AI
    The **FFS-R57A4** refers to a high-precision, industrial-grade **Reed Switch Sensor** or **Magnetic Proximity Switch**, commonly manufactured by brands like **Honeywell** or specialized industrial sensor firms. It is primarily used for position sensing, safety interlocking, and limit detection. --- ## 1. Core Specifications The electrical and physical characteristics define how it integrates into a circuit. | Feature | Specification (Typical) | | :--- | :--- | | **Contact Type** | Normally Open (NO) / SPST | | **Switching Voltage** | Up to 230V AC / 24V DC | | **Switching Current** | 0.5A to 1.0A | | **Contact Rating** | 10VA - 50VA | | **Housing Material** | Stainless Steel or High-Grade Plastic | | **Ingress Protection** | IP67 (Waterproof & Dustproof) | --- ## 2. Electronic Components & Internal Design The FFS-R57A4 operates on electromagnetic principles rather than mechanical friction. ### A. The Reed Switch Element The heart of the device consists of two ferromagnetic blades (reeds) sealed in a glass envelope. * **Mechanism:** When a magnetic field (from an external actuator) comes within range, the blades become oppositely polarized and pull together, closing the circuit. * **Hermetic Sealing:** The internal contacts are often coated in **Rhodium** or **Ruthenium** to prevent oxidation and ensure millions of switching cycles. ### B. Internal Protection (Transient Suppression) High-end models like the R57A4 often include internal protection to handle inductive loads: * **MOV (Metal Oxide Varistor):** To protect against voltage spikes. * **Resistor-Capacitor (RC) Snubber:** Integrated into some versions to reduce arcing when switching AC loads. ### C. Wiring Configuration Usually, the sensor comes with a pre-wired cable (typically 2-meter or 5-meter lengths). * **Blue/Brown Wires:** Standard DC/AC polarity (though Reed switches are non-polar). * **Shielding:** Industrial versions include a braided shield to prevent Electromagnetic Interference (EMI) from triggering false positives. --- ## 3. Operating Principle The sensor is "Passive," meaning it does not require power to monitor the magnetic field; it only consumes power when the circuit is closed to drive a load (like a PLC input or a Relay). 1. **State 1 (Inactive):** No magnet is near. The reeds are separated. The circuit is **Open**. 2. **State 2 (Active):** A magnetic actuator approaches. The flux lines close the reeds. The circuit is **Closed**. --- ## 4. Typical Applications * **Safety Interlocking:** Ensuring machine guards are closed before a motor starts. * **Pneumatic Cylinder Position:** Detecting the end-of-stroke for pistons. * **Liquid Level Sensing:** Mounted outside a tank to detect a magnetic float inside.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching distance for the FFS-R57A4 sensor?
    • ⤷ How do I wire this sensor to a 24V PLC input?
    • ⤷ What is the difference between the FFS-R57A4 and an inductive proximity sensor?