FPE-16-R
AI

The **FPE-16-R** is a specific type of passive electronic component, typically categorized as a **Flat Pack Delay Line** or a **Pulse Transformer**, depending on the specific manufacturer (most commonly associated with brands like PCA Electronics or Rhombus).
Below is a breakdown of its technical specifications, construction, and typical use cases.
---
### 1. Technical Specifications
The "16" in the part number usually refers to the number of pins (16-pin package), and the "R" often denotes compliance with specific standards or a specific configuration.
| Feature | Description |
| :--- | :--- |
| **Package Type** | Surface Mount (SMD) or Thru-hole Flat Pack |
| **Pin Count** | 16 Pins |
| **Core Material** | Ferrite (for magnetic coupling) |
| **Primary Function** | Signal timing, pulse shaping, or isolation |
| **Impedance** | Typically 50Ω to 100Ω (Standard for data lines) |
| **Operating Temp** | -40°C to +85°C (Standard Industrial) |
---
### 2. Internal Components & Construction
The FPE-16-R is an integrated magnetic module. Unlike a single resistor or capacitor, it contains several sub-components inside its molded housing:
1. **Micro-Coils:** Tiny copper windings around toroidal ferrite cores. These create the inductance necessary for signal processing.
2. **Capacitor Elements:** Often used in conjunction with the coils to create LC (Inductor-Capacitor) networks for precise delay timing.
3. **Lead Frame:** A 16-pin metal frame that connects the internal microscopic wires to the PCB pads.
4. **Epoxy Encapsulation:** A rugged outer shell that protects the delicate internal magnetic wires from moisture and heat during soldering.
---
### 3. Functional Applications
These parts are generally found in high-speed networking and telecommunications equipment.
* **Delay Lines:** Used to synchronize clock signals in digital circuits by delaying a signal by a specific number of nanoseconds (ns).
* **Pulse Transformers:** Used in Ethernet (10/100 Base-T) or T1/E1 interfaces to provide galvanic isolation and prevent noise from damaging sensitive ICs.
* **Signal Filtering:** Helping to remove high-frequency noise from data lines to ensure signal integrity.
---
### 4. Circuit Symbol and Pinout
In a schematic, the FPE-16-R is represented as a series of coupled inductors.
```text
Standard 16-pin Layout (Typical):
1 [---] 16 (Input/Output)
2 [---] 15
3 [---] 14
4 [---] 13 (Center Taps)
5 [---] 12
6 [---] 11
7 [---] 10
8 [---] 9
```
---
- ⤷
What is the specific delay time (ns) for the FPE-16-R version you are using?
- ⤷ Are you looking for a direct replacement or an equivalent part for a PCB repair?
- ⤷ How does this part differ from a standard 10/100 Ethernet transformer?