Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • FPK-R-16A

  • AI
    The **FPK-R-16A** is a specific model of a **Miniature Circuit Breaker (MCB)** or specialized fuse/protective switch, commonly used in industrial automation, power distribution panels, and HVAC systems. It is designed to protect electrical circuits from overcurrent and short circuits. --- ## 1. Technical Specifications The following table outlines the primary electrical characteristics of the FPK-R-16A: | Feature | Specification | | :--- | :--- | | **Rated Current ($I_n$)** | 16 Amperes | | **Rated Voltage ($U_n$)** | 230V / 400V AC (Standard) | | **Mounting Type** | DIN Rail Mounting | | **Breaking Capacity** | 4.5kA to 6kA (Typical for this class) | | **Number of Poles** | Usually 1P or 1P+N (Model variant dependent) | | **Tripping Curve** | Type C (Standard for inductive loads/motors) | --- ## 2. Key Components & Construction The FPK-R-16A consists of several critical internal electronic and mechanical parts: ### A. Thermal-Magnetic Tripping Mechanism 1. **Bimetallic Strip:** Provides the **Overload Protection**. When current exceeds 16A for a prolonged period, the strip heats up and bends, triggering the mechanical latch to open the circuit. 2. **Electromagnetic Coil:** Provides **Short-Circuit Protection**. In the event of a massive surge, the coil generates a magnetic field that instantly pulls the trip bar to disconnect the power. ### B. Contact System * **Fixed and Moving Contacts:** High-conductivity silver alloy points that physically open and close the circuit. * **Arc Chute:** A series of parallel metal plates designed to extinguish the electrical arc created when the contacts separate under load. ### C. Housing Materials * The casing is made of **thermoplastic or thermosetting plastic**, which is flame-retardant and provides high dielectric strength to prevent electrical leakage between phases. --- ## 3. Typical Applications The "16A" rating makes this component suitable for: * **Standard Power Outlets:** Residential and commercial socket circuits. * **Small Motors:** Pumps or fans where inrush current is present. * **Lighting Circuits:** Large-scale LED or fluorescent lighting arrays. --- ## 4. Safety and Installation * **IP20 Rating:** Generally finger-safe, but requires installation within an enclosure. * **Indication:** Features a toggle switch or window indicator to show "ON" (Red) or "OFF/Tripped" (Green) status.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Type B and Type C tripping curve for 16A breakers?
    • ⤷ How do I calculate if 16A is sufficient for my motor load?
    • ⤷ What is the recommended wire gauge for an FPK-R-16A installation?