Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • FPK-R-2.5A

  • AI
    The **FPK-R-2.5A** is a specialized high-voltage power fuse designed primarily for the protection of microwave oven transformers and high-voltage circuits. Below is a detailed technical breakdown of its specifications and characteristics. --- ### 1. General Specifications The FPK-R-2.5A is classified as a **Time-Delay (Slow-Blow)** high-voltage fuse. Unlike standard automotive or household fuses, it is built to withstand high-voltage spikes and the inductive inrush currents common in power transformers. | Feature | Specification | | :--- | :--- | | **Current Rating** | 2.5 Amperes | | **Voltage Rating** | 5kV (5000V) AC | | **Fuse Type** | Glass or Ceramic Tube (High Voltage) | | **Response Characteristic** | Time-Delay / Slow-Blow | | **Dimensions** | Typically 6mm x 40mm (Standard HV Size) | --- ### 2. Key Internal Components The construction of this fuse is engineered to handle extreme electrical stress: * **Fuse Element:** A spring-loaded or coiled wire filament designed to absorb short-duration surges (like when a microwave starts) without blowing, but melting if a sustained overcurrent occurs. * **Encapsulation:** Usually a reinforced glass or ceramic body to prevent the casing from shattering under high-pressure arcs. * **Arc Quenching:** Many versions are filled with sand or a specific gas to extinguish the electrical arc that forms when the fuse blows at 5,000V. --- ### 3. Application and Function This part is most commonly found in **Microwave Ovens** and **Industrial Power Supplies**. Its primary roles include: 1. **Transformer Protection:** It sits between the high-voltage transformer and the magnetron. 2. **Inrush Management:** It ignores the massive initial current draw required to magnetize the transformer core. 3. **Fault Isolation:** If the high-voltage capacitor shorts or the magnetron fails, the fuse breaks the circuit to prevent the transformer from overheating or catching fire. --- ### 4. Comparison with Standard Fuses It is critical **not** to replace an FPK-R-2.5A with a standard 250V fuse, even if the amperage (2.5A) is the same. | Feature | FPK-R-2.5A (HV) | Standard Glass Fuse | | :--- | :--- | :--- | | **Voltage Limit** | 5,000V | 125V - 250V | | **Safety** | Prevents arcing across blown gap | May allow arc to continue, causing fire | | **Physical Length** | 40mm (prevents "jumping") | 20mm or 30mm | ---
    ✨ Follow-up Questions
    • ⤷ What are the safety risks of using a 250V fuse instead of the FPK-R-2.5A?
    • ⤷ How can I test if an FPK-R-2.5A fuse is blown using a multimeter?
    • ⤷ Does the 'R' in the part number signify a specific mounting style or UL rating?