FRS-R-112
AI

## FRS-R-12: Technical Overview
The **FRS-R-12** is a specific model of industrial-grade power fuse belonging to the **Fusetron™** series, manufactured by **Bussmann (Eaton)**. It is a Class RK5 current-limiting, dual-element, time-delay fuse.
### 1. Key Specifications
The following table summarizes the primary electrical and physical characteristics of the FRS-R-12:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Eaton (Bussmann Series) |
| **Amperage Rating** | 12 Amps |
| **Voltage Rating (AC)** | 600 Vac |
| **Voltage Rating (DC)** | 300 Vdc |
| **Interrupting Rating** | 200,000 Amps RMS Symmetrical (AC) |
| **Class** | RK5 |
| **Element Type** | Dual-Element (Time-Delay) |
| **Body Material** | Fiberglass Tube |
---
### 2. Functional Design
The FRS-R-12 is designed with a **dual-element** architecture, which allows it to handle different types of electrical faults differently:
* **Thermal Element:** Handles low-level overloads. It provides a "time-delay," allowing temporary surges (like motor starting currents) to pass without blowing the fuse. It typically holds 500% of the rated current for a minimum of 10 seconds.
* **Instantaneous Magnetic Element:** Handles high-level short circuits. If a massive spike in current is detected, the fuse reacts instantly to prevent equipment damage or fire.
---
### 3. Applications and Use Cases
Because of its time-delay properties, this fuse is ideal for circuits with inductive loads.
1. **Motor Protection:** Provides excellent protection for motor branch circuits where high inrush currents are present.
2. **Transformer Protection:** Resists blowing during the "magnetizing inrush" that occurs when a transformer is energized.
3. **General Feeders:** Used in mains and branch circuit disconnects.
---
### 4. Comparison: RK5 vs. RK1
It is important to distinguish Class RK5 fuses from RK1 fuses, as they often share the same physical dimensions but have different performance levels.
| Feature | Class RK5 (FRS-R) | Class RK1 (LPS-RK) |
| :--- | :--- | :--- |
| **Current Limiting** | Moderate | High |
| **Best For** | General Purpose / Motors | Sensitive Electronics |
| **Replacement** | Can be replaced by RK1 | Cannot be replaced by RK5 |
- ⤷
What is the difference between FRS-R and FRN-R fuses?
- ⤷ Can an FRS-R-12 fuse be used in a 240V circuit?
- ⤷ How do I test if an FRS-R-12 fuse is blown using a multimeter?