Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • FSMD016-0603-R

  • AI
    ## Technical Overview: FSMD016-0603-R The **FSMD016-0603-R** is a surface-mount **Polymeric Positive Temperature Coefficient (PPTC)** device, commonly known as a **Resettable Fuse**. It is designed to protect electronic circuits from overcurrent conditions without requiring manual replacement after a fault. ### 1. Key Specifications | Parameter | Specification | | :--- | :--- | | **Package / Case** | 0603 (1608 Metric) | | **Hold Current ($I_{hold}$)** | 0.16 Amperes (160mA) | | **Trip Current ($I_{trip}$)** | 0.37 Amperes (370mA) | | **Maximum Voltage ($V_{max}$)** | 9.0 Volts (DC) | | **Maximum Current ($I_{max}$)** | 40 Amperes | | **Power Dissipation ($P_d$ typ.)** | 0.50 Watts | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Functional Principles The device operates based on the thermal properties of its conductive polymer composite: * **Normal Operation:** At rated hold current, the device maintains low resistance, allowing current to flow freely. * **Overcurrent Event:** If the current exceeds the trip threshold ($I_{trip}$), the internal temperature rises rapidly. The polymer expands, breaking the conductive chain and increasing resistance significantly. * **Reset Mechanism:** Once the fault is cleared and the power is cycled or the device cools down, the polymer contracts, restoring the conductive pathways and returning the device to a low-resistance state. --- ### 3. Features and Advantages * **Miniaturization:** The **0603** footprint (1.6mm x 0.8mm) makes it ideal for high-density PCB designs like smartphones and wearables. * **Resettability:** Unlike traditional one-shot fuses, it does not need to be replaced after a trip event, reducing maintenance costs. * **Fast Response:** Provides rapid protection against short circuits. * **Compliance:** Lead-free and RoHS compliant. --- ### 4. Typical Applications 1. **USB Ports:** Protection for USB 2.0/3.0 peripherals and hubs. 2. **Portable Electronics:** Battery packs for tablets, cameras, and IoT sensors. 3. **Motherboards:** Protecting sensitive logic ICs from power surges. 4. **HDMI/DisplayPort:** Safeguarding signal lines against accidental shorts. --- ### 5. Soldering Profile (Reflow) The FSMD series is designed for standard SMT reflow processes. ```yaml Reflow_Process: Preheat_Temperature: 150°C to 200°C Time_Above_Liquidous: 60 - 150 seconds Peak_Temperature: 260°C (Max) Cooling_Rate: -6°C/second (Max) ```
    ✨ Follow-up Questions
    • ⤷How does ambient temperature affect the hold current of this PPTC?
    • ⤷ What is the typical time-to-trip for the FSMD016-0603-R at maximum current?
    • ⤷ Can this fuse be used in AC power applications?