AI

## Overview of the FT230XQ-R
The **FT230XQ-R** is a compact, cost-effective USB-to-UART bridge IC developed by **FTDI Chip**. It belongs to the "X-Chip" series, designed to simplify the integration of USB functionality into embedded systems by handling the entire USB protocol on-chip.
### Key Specifications
| Parameter | Specification |
| :--- | :--- |
| **Interface** | USB 2.0 Full Speed (12Mbps) to UART |
| **Package** | 16-pin QFN (3mm x 3mm) |
| **Operating Voltage** | 3.3V to 5.25V |
| **I/O Voltage** | 1.8V to 3.3V (Logic levels) |
| **UART Speed** | 300 baud to 3 Mbaud |
| **Internal Memory** | 2048 Byte MTP (Multi-Time Programmable) |
| **Current Consumption** | ~8mA (Active) / < 125µA (Suspend) |
---
### Core Electronic Components & Features
The FT230XQ-R integrates several critical components into a single silicon die, reducing the need for external parts:
1. **Integrated Clock Circuit:**
Unlike older USB chips, it does not require an external crystal or resonator. The clock is generated internally, saving PCB space.
2. **Internal LDO Regulator:**
It features a built-in 3.3V Low Dropout (LDO) regulator, allowing the chip to be powered directly from the 5V USB bus while providing regulated power to internal logic.
3. **MTP Memory:**
Contains an internal memory block used to store the USB VID, PID, serial number, and product description strings. This can be programmed via USB without an external EEPROM.
4. **Battery Charger Detection:**
Includes a specialized circuit to detect the presence of a USB charging port (DCP or CDP), allowing the system to draw higher currents for battery charging.
5. **Configurable CBUS Pins:**
Four Multi-Function I/O pins (CBUS) can be configured for various tasks, such as:
* Driving LED indicators (TX/RX Activity).
* Providing a clock output (6, 12, or 24 MHz).
* USB Sleep/Suspend status.
---
### Pin Configuration Summary
| Pin Group | Description |
| :--- | :--- |
| **USB Signals** | `USBDP` (D+) and `USBDM` (D-) differential pair for data. |
| **UART Signals** | `TXD`, `RXD`, `RTS#`, `CTS#` for data and flow control. |
| **Power** | `VCC` (Input), `VCCIO` (I/O Level), `3V3OUT` (Regulator output). |
| **Control** | `RESET#` for hardware reset and `CBUS` pins for GPIO. |
---
### Typical Application Circuit Example
When designing with the FT230XQ-R, minimal external components are required:
* **Capacitors:** 100nF and 4.7µF decoupling capacitors on the VCC and 3V3OUT pins.
* **Resistors:** 27Ω resistors on the USB D+/D- lines (though many X-series chips have these integrated, check the specific hardware manual version).
```mermaid
graph LR
USB_Port --- FT230XQ
FT230XQ --- Microcontroller_UART
FT230XQ --- Status_LEDs
```
- ⤷
What are the main differences between the FT230X and the FT232R?
- ⤷ How do I program the MTP memory to change the USB Product String?
- ⤷ Can the FT230XQ-R be used for bit-banging mode?