Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • FTG-83-R

  • AI
    The **FTG-83-R** is a specialized high-performance electronic component, typically categorized as a **surface-mount (SMT) gas discharge tube (GDT)** or a surge arrestor. These parts are primarily used to protect sensitive electronic circuits from high-voltage transients, such as lightning strikes or industrial power surges. --- ### 1. Key Technical Specifications The "83" in the part number often signifies the breakdown voltage or a specific series classification. Below are the typical electronic characteristics for this class of component: | Parameter | Typical Value / Description | |:---|:---| | **DC Spark-over Voltage** | 75V - 90V (approx. 83V nominal) | | **Impulse Discharge Current** | 2kA to 5kA (8/20μs wave) | | **Insulation Resistance** | > 1 GΩ | | **Capacitance** | Very Low (< 1.5 pF) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Operating Temperature** | -40°C to +90°C | --- ### 2. Physical Construction The FTG-83-R is engineered to handle extreme energy in a small footprint: * **Ceramic Envelope:** The body is made of high-grade technical ceramics to withstand high temperatures during an arc. * **Electrode Material:** Usually a copper or nickel alloy with a specialized coating to facilitate consistent electron emission. * **Gas Fill:** Contains an inert gas mixture (like Neon or Argon) that ionizes at a specific voltage threshold. * **Terminations:** The "R" often refers to the tape-and-reel packaging or a specific RoHS-compliant lead finish. --- ### 3. Electronic Functionality The component operates as a high-speed voltage-dependent switch: 1. **Off State:** Under normal operating voltages, the GDT acts as an open circuit with extremely high impedance and near-zero capacitance. 2. **Ionization:** When a surge exceeds the **Spark-over Voltage**, the gas inside ionizes, turning it into a conductor. 3. **Arc Phase:** The GDT enters a low-voltage arc state, effectively shorting the surge energy to the ground and protecting the downstream components. 4. **Recovery:** Once the surge passes and the voltage drops below the "holdover voltage," the gas de-ionizes and the device returns to its high-impedance state. --- ### 4. Common Applications Due to its low capacitance, the FTG-83-R is ideal for high-speed data protection where signal integrity is critical: * **Telecommunications:** Protection for ADSL, VDSL, and Ethernet ports. * **Industrial Controls:** Protecting RS-485 or CAN bus interfaces. * **Power Supplies:** Secondary protection in AC/DC converters. * **Consumer Electronics:** Protecting antenna inputs or outdoor sensors.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a GDT like the FTG-83-R and a TVS diode?
    • ⤷ How do I calculate the proper spark-over voltage for my circuit?
    • ⤷ What are the PCB layout recommendations for high-voltage surge arrestors?