Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • FTG-95-R

  • AI
    ## FTG-95-R Electronic Components & Specifications The **FTG-95-R** is a specific model of a **Galvanic Oxygen Sensor** (or fuel cell sensor), commonly used in medical equipment such as ventilators, anesthesia machines, and oxygen monitors. It is designed to measure the partial pressure of oxygen in a gas mixture. --- ### 1. Key Technical Specifications Below are the primary electronic and physical parameters for the FTG-95-R: | Parameter | Specification | | :--- | :--- | | **Measurement Range** | 0 – 100% Oxygen ($O_2$) | | **Output Signal** | 9.0 – 13.0 mV (in ambient air) | | **Electrical Connector** | 3-pin (often compatible with Molex or slip-ring types) | | **Response Time ($T_{90}$)** | < 15 seconds | | **Linearity Error** | < 3% of full scale | | **Operating Temperature** | 0°C to 40°C | --- ### 2. Internal Electronic Design The sensor functions as an **electrochemical fuel cell**. Internally, it consists of several critical layers: #### A. The Sensing Cathode Usually made of a noble metal (like Gold or Platinum). This is where the oxygen molecules are reduced, releasing electrons. #### B. The Lead Anode A sacrificial lead ($Pb$) electrode that undergoes oxidation. The chemical reaction is: - **At Cathode:** $O_2 + 2H_2O + 4e^- \rightarrow 4OH^-$ - **At Anode:** $2Pb + 4OH^- \rightarrow 2PbO + 2H_2O + 4e^-$ #### C. Electrolyte Solution A basic solution (typically Potassium Hydroxide, $KOH$) that facilitates the flow of ions between the anode and cathode. #### D. NTC Thermistor (Temperature Compensation) Since electrochemical reactions are temperature-dependent, the FTG-95-R includes an **Internal NTC Thermistor**. This component adjusts the output voltage to ensure the oxygen reading remains accurate despite ambient temperature fluctuations. --- ### 3. Pinout and Connection The "R" in FTG-95-R typically indicates a specific connector style or housing modification. * **Pin 1:** Positive Output ($+$) * **Pin 2:** Negative Output ($-$) / Ground * **Pin 3:** Often used for the temperature compensation circuit or left NC (No Connection) depending on the specific equipment interface. --- ### 4. Typical Applications The FTG-95-R is frequently used as a replacement part for high-end medical devices, including: * **Hamilton Medical** Ventilators (Galileo, Raphael, C2/C3/C1 models). * **GE/Datex-Ohmeda** anesthesia systems. * **Draeger** oxygen monitoring modules. --- ### 5. Lifespan and Storage * **Service Life:** Approximately 1,000,000 %-hours (roughly 2-3 years in air). * **Storage:** Should be stored in its original sealed packaging to prevent the lead anode from depleting due to exposure to ambient oxygen.
    ✨ Follow-up Questions
    • ⤷ What is the standard calibration procedure for the FTG-95-R sensor?
    • ⤷ How does the NTC thermistor inside the sensor affect the voltage output?
    • ⤷ What are the common failure symptoms of a depleted FTG-95-R sensor?