FVF-4WE-R
AI

The **FVF-4WE-R** is an electronic component primarily associated with industrial control systems, specifically within the **Panasonic (formerly Matsushita/Sunx)** ecosystem. It is a high-performance **Optical Fiber Sensor Amplifier** or a related photoelectric communication module.
Below is a breakdown of its technical characteristics and electronic specifications.
---
## 1. General Specifications
The FVF series is designed for precision detection in automated environments. The "-R" suffix typically denotes a specific variation, such as high-speed response or a specific connector type (often a red LED light source).
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Fiber Optic Sensor Amplifier |
| **Supply Voltage** | 12V to 24V DC (±10% ripple) |
| **Current Consumption** | 40mA or less |
| **Output Type** | NPN or PNP Open Collector (depending on wiring) |
| **Response Time** | High-speed (typically < 500µs) |
| **Light Source** | Red LED (Visible) |
---
## 2. Key Electronic Features
### A. Sensitivity Adjustment
The unit features a multi-turn potentiometer or a digital teaching button (depending on the specific generation of the FVF series). This allows the user to calibrate the threshold between "Light-ON" and "Dark-ON" states.
### B. Protection Circuitry
The internal electronics include:
* **Reverse Polarity Protection:** Prevents damage if the DC power leads are swapped.
* **Short-Circuit Protection:** Protects the output transistors from overcurrent if the load is shorted.
* **Interference Prevention:** Built-in logic to prevent mutual interference when multiple amplifiers are mounted side-by-side.
### C. Output Configuration
The FVF-4WE-R usually employs an **Open Collector** output. This acts like a switch to the negative (NPN) or positive (PNP) rail, allowing it to interface easily with Programmable Logic Controllers (PLCs).
---
## 3. Wiring Diagram Overview
Most units in this series follow a standard 3-wire or 4-wire color code:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | +V | Positive Power Supply (12-24V DC) |
| **Blue** | 0V | Negative Power Supply (Ground) |
| **Black** | Output | Control signal to PLC / Load |
| **Pink (if present)** | Mode/Job | Selection between Light-ON and Dark-ON |
---
## 4. Application Context
These electronic parts are critical in the following scenarios:
1. **Semiconductor Manufacturing:** Detecting wafer presence.
2. **Packaging Lines:** Counting small components or detecting labels.
3. **Circuit Board Assembly:** Detecting the edge of a PCB.
- ⤷
What are the specific differences between the FVF-4WE-R and the standard FVF-4 model?
- ⤷
How do you wire an NPN sensor amplifier like this to a PNP-input PLC?
- ⤷
What fiber optic cables are compatible with the FVF series amplifiers?