Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • GS-R12F

  • AI
    The **GS-R12F** is a classic step-down (buck) switching voltage regulator module, originally manufactured by STMicroelectronics. It is part of the GS-R series, known for being high-efficiency, ready-to-use power solutions that simplify circuit design. --- ## 1. Technical Specifications The GS-R12F is designed to convert a higher DC input voltage into a stable, regulated output. | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 15V to 40V DC | | **Output Voltage** | Fixed 12V DC | | **Output Current** | 1.5A (Typical) | | **Efficiency** | ~80% - 90% (Load dependent) | | **Switching Frequency** | ~100 kHz | | **Package Type** | SIP (Single In-line Package) | --- ## 2. Key Internal Electronic Components While the unit is a sealed module, its internal architecture consists of several critical electronic segments: ### A. Power Switching Element The heart of the module is a **Power MOSFET** or Bipolar transistor used as a switch. Unlike linear regulators (like the L7812) that dissipate excess voltage as heat, the GS-R12F "chops" the input voltage at high speeds to maintain efficiency. ### B. Control Integrated Circuit (IC) It contains a **PWM (Pulse Width Modulation) Controller**. This IC monitors the output voltage and adjusts the duty cycle of the switch. If the output voltage drops, the IC keeps the switch "on" longer to pull more energy from the input. ### C. Magnetic Components (The Inductor) A high-quality **Power Inductor** is housed inside the module. It stores energy in a magnetic field during the "on" cycle and releases it to the load during the "off" cycle. This is the primary reason the module can achieve high efficiency. ### D. Filtering Network * **Input Capacitors:** Stabilize the input voltage and reduce noise sent back to the power source. * **Output Capacitors:** Smooth the "chopped" DC into a steady 12V signal with low ripple. * **Schottky Diode:** Acts as a "freewheeling" diode to provide a path for the inductor current when the main switch is off. --- ## 3. Features and Protections The electronic design includes built-in safeguards to prevent the module from burning out: 1. **Short-Circuit Protection:** The module will shut down or limit current if the output pins are bridged. 2. **Thermal Shutdown:** If the internal temperature exceeds safe limits, the PWM controller reduces power output. 3. **No External Components Required:** The "F" in GS-R12F often signifies a complete functional block, meaning you typically do not need external resistors or inductors to make it work. --- ## 4. Pinout Configuration (Standard GS-R Series) | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | +V(in) | Unregulated DC input (15V-40V) | | **2** | Ground | Common negative return | | **3** | +V(out) | Regulated 12V output | | **4** | Reset/Inhibit | (Optional) Used to turn the module on/off via logic |
    ✨ Follow-up Questions
    • ⤷ How does the efficiency of the GS-R12F compare to a standard 7812 linear regulator?
    • ⤷ What are the thermal management requirements for this module at maximum current?
    • ⤷ Is there a modern surface-mount equivalent to the GS-R12F available today?