Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • GS-R405/2

  • AI
    The **GS-R405/2** is a classic high-efficiency, step-down (buck) switching voltage regulator module, originally manufactured by STMicroelectronics. It is part of the GS-R series designed to provide a regulated output from a higher unregulated DC voltage. --- ### ## Technical Specifications The following table highlights the core electronic characteristics of the GS-R405/2: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 7V to 40V DC | | **Output Voltage** | 5.1V DC (Fixed) | | **Output Current** | 4.0 Amperes (Max) | | **Efficiency** | Up to 90% | | **Switching Frequency** | ~100 kHz | | **Protection** | Short-circuit and Thermal protection | --- ### ### Key Electronic Components & Internal Architecture While the GS-R405/2 is a potted/shielded module, its internal design consists of several critical electronic stages: 1. **Power Switching Element:** Usually involves a high-speed Power MOSFET or bipolar transistor that "chops" the input voltage at a high frequency to minimize energy loss. 2. **Schottky Rectifier:** A high-speed diode used to provide a path for the inductor current when the main switch is off (freewheeling). 3. **Inductor (L):** The primary energy storage component. It smooths the switched current to provide a steady output. 4. **Control Circuitry (PWM Controller):** An integrated Pulse Width Modulation (PWM) IC that monitors the output voltage and adjusts the duty cycle of the switch to maintain a constant 5.1V. 5. **Filter Capacitors:** * **Input Capacitor:** Reduces voltage ripples and noise entering the module. * **Output Capacitor:** Works with the inductor to minimize output ripple voltage. --- ### ### Pin Configuration The module typically utilizes a multi-pin SIP (Single In-line Package) or similar footprint. The standard pinout usually includes: * **Vi (Input):** Positive unregulated DC input. * **GND (Ground):** Common return for both input and output. * **Vo (Output):** Regulated 5.1V DC output. * **Inhibit (Optional):** Some versions include a pin to remotely turn the module on or off using logic levels. --- ### ### Design Considerations * **Heat Dissipation:** Although highly efficient, at a full 4A load, the module generates heat. Depending on the input-to-output voltage differential, an external heatsink may be required. * **Input Filtering:** While it has internal capacitors, adding a 100µF electrolytic capacitor close to the input pins is recommended to handle high-frequency transients. * **EMI Shielding:** The GS-R405/2 is often housed in a metal case, which acts as a shield to prevent electromagnetic interference (EMI) from affecting sensitive nearby electronics.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the GS-R405 and the GS-R412 versions?
    • ⤷ Can the output voltage of the GS-R405/2 be adjusted using external resistors?
    • ⤷ What is the recommended heatsink size for a 40V input and 4A output load?