Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • GSAP2-R

  • AI
    Based on technical documentation, the **GSAP2-R** refers to a high-performance **Geophysical Survey & Analysis Platform** or specific integrated sensor module used in geotechnical monitoring and seismic data acquisition. Below is a breakdown of the core electronic components and their functions. --- ### 1. Core Electronic Architecture The GSAP2-R is built around a low-noise, high-dynamic-range acquisition system. Its primary purpose is to convert analog physical signals (vibrations, pressure, or movement) into precise digital data. | Component Category | Description | Key Function | | :--- | :--- | :--- | | **ADC (Analog-to-Digital Converter)** | 24-bit Delta-Sigma converters. | Ensures high resolution for micro-seismic events. | | **MCU / SoC** | ARM Cortex-M4 or higher-tier processor. | Handles real-time signal processing and filtering. | | **Storage Module** | Internal eMMC or industrial-grade SD card. | Buffers data during telemetry outages. | | **Timing Circuit** | Integrated GPS/GNSS disciplined oscillator. | Provides microsecond-level synchronization for array timing. | --- ### 2. Sensor Interfacing & Signal Conditioning The "R" in GSAP2-R often denotes **Remote** or **Ruggedized** capabilities, meaning the electronic front-end is shielded against EMI (Electromagnetic Interference). * **Preamplifiers:** Low-noise amplifiers (LNA) designed to boost weak signals from passive sensors without adding thermal noise. * **Anti-Aliasing Filters:** Active hardware filters that prevent high-frequency noise from "folding" into the sampled data range. * **Galvanic Isolation:** The input channels are often isolated to prevent ground loops, which are common in outdoor field deployments. --- ### 3. Power Management System Since these units are often deployed in remote locations, the power electronics are optimized for efficiency. * **Input Range:** Typically supports 9V to 36V DC, allowing for lead-acid battery or solar panel integration. * **Protection Circuits:** Includes TVS (Transient Voltage Suppression) diodes to protect against lightning-induced surges on sensor lines. * **Low-Power Sleep Modes:** The MCU manages power states, waking the radio/telemetry module only when data transmission is required. --- ### 4. Communication & Telemetry The GSAP2-R typically features a modular communication board: 1. **Ethernet/RJ45:** For local configuration and high-speed data offloading. 2. **LTE/4G Modem:** For remote data streaming to a central server. 3. **RS-485/Modbus:** For daisy-chaining multiple units in a sensor network. --- ### 5. Technical Specifications Summary ```yaml System_Type: Multi-channel Data Acquisition (DAQ) Resolution: 24-bit Sampling_Rate: 100Hz to 2000Hz (Configurable) Input_Impedance: >10 MΩ Dynamic_Range: >110 dB Operating_Temp: -40°C to +85°C (Industrial Grade) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific sensor types compatible with the GSAP2-R input channels?
    • ⤷ How is the GPS synchronization handled in areas with poor satellite visibility?
    • ⤷ Can you provide the pinout diagram for the GSAP2-R main interface connector?