HAH83-R22
AI

## Overview of HAH83-R22 Electronic Component
The **HAH83-R22** is an advanced electronic component, specifically a **Molding Power Inductor**. It is commonly utilized in high-performance automotive and industrial applications due to its robust design and high current capabilities.
---
### 1. Technical Specifications
The following table outlines the typical electrical and physical characteristics of the HAH83-R22:
| Parameter | Value / Range |
| :--- | :--- |
| **Inductance** | 0.22 µH (Microhenries) |
| **Tolerance** | ±20% |
| **DCR (Direct Current Resistance)** | ~1.3 mΩ (Max) |
| **Saturation Current (Isat)** | ~40A - 50A |
| **Heat Rating Current (Irms)** | ~25A - 30A |
| **Operating Temperature** | -55°C to +155°C |
| **Package Size** | Approx. 8.0 x 8.0 x 3.0 mm |
---
### 2. Key Features
* **Molded Construction:** The part is manufactured using a magnetic metal powder molding process. This provides a "shielded" structure that minimizes electromagnetic interference (EMI).
* **High Current Handling:** Due to its low DCR and high saturation levels, it can handle significant current spikes without losing efficiency.
* **AEC-Q200 Compliance:** Most versions of this series are qualified for automotive use, meaning they are tested for high vibration and extreme temperature cycles.
* **Soft Saturation:** Unlike ferrite inductors that drop inductance sharply, the HAH83-R22 exhibits a gradual drop in inductance as current increases.
---
### 3. Application Areas
The HAH83-R22 is primarily used in DC-DC converters and power management modules. Common integrations include:
1. **Automotive Electronics:** Engine Control Units (ECU), ADAS systems, and Infotainment power supplies.
2. **Computing:** High-speed servers and VRM (Voltage Regulator Modules) for CPUs/GPUs.
3. **Industrial:** High-efficiency power supplies for automation and robotics.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **HAH:** Series identifier (High-current Automotive/Industrial Inductor).
* **83:** Physical dimensions (typically 8.0mm length/width).
* **R22:** Inductance value (R represents the decimal point; $0.22\mu H$).
---
- ⤷
What are the main differences between the HAH83-R22 and a standard ferrite core inductor?
- ⤷ Can you provide a PCB footprint recommendation for the 8080 size package?
- ⤷ How does the 'soft saturation' feature affect the efficiency of a DC-DC converter?