Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • HC3-6R0-R

  • AI
    ## Detailed Technical Overview of HC3-6R0-R The **HC3-6R0-R** is a high-current, power inductor belonging to the **HC3 Series** manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). These components are specifically designed for high-density, high-current power applications. --- ### 1. Key Specifications The following table highlights the critical electrical and physical parameters of the HC3-6R0-R: | Parameter | Value | | :--- | :--- | | **Inductance** | 6.0 µH | | **Tolerance** | ± 20% | | **Current Rating (Irms)** | 14.2 Amperes | | **Saturation Current (Isat)** | 17.5 Amperes | | **DC Resistance (DCR)** | 6.47 mΩ (Typical) | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD) | | **Package/Case** | 13.5mm x 13.0mm x 6.0mm | --- ### 2. Physical Construction and Materials The HC3-6R0-R is engineered to handle significant thermal stress and magnetic flux: * **Core Material:** Ferrite core technology, which provides low core losses at high frequencies. * **Winding:** Uses flat copper wire (often referred to as "ribbon" or "foil" winding) to minimize DCR and maximize current-carrying capacity. * **Shielding:** It is a **shielded** inductor, meaning it reduces Electromagnetic Interference (EMI) by containing the magnetic field within the core structure. --- ### 3. Part Number Deciphering To understand the specific variant, here is the breakdown of the part number: | Segment | Meaning | | :--- | :--- | | **HC3** | High Current Series, Size 3 | | **6R0** | Inductance value (6.0 microhenries) | | **-R** | RoHS compliant / Lead-free | --- ### 4. Common Applications Due to its high saturation current and low resistance, this part is typically found in: * **DC-DC Converters:** Used in Buck, Boost, and SEPIC topologies. * **Voltage Regulator Modules (VRMs):** Found in servers and high-end desktop motherboards. * **Distributed Power Systems:** For industrial control and telecommunications. * **Battery Powered Systems:** Where high efficiency (low DCR) is critical to extend battery life. --- ### 5. Design Considerations * **Thermal Management:** While rated for 14.2A (Irms), designers must ensure adequate PCB copper traces to act as a heat sink, as the component's temperature rise is typically rated at 40°C above ambient at full current. * **Saturation:** The Isat (17.5A) is the point where inductance drops by approximately 20%. Designers should ensure peak circuit currents do not exceed this value to avoid circuit instability.
    ✨ Follow-up Questions
    • ⤷ What are the recommended soldering profiles for the HC3-6R0-R?
    • ⤷ Are there alternative inductors with higher current ratings in the same footprint?
    • ⤷ How does the frequency of operation affect the core loss of this specific inductor?