Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • HFE20-3/12-1HSD-L1-R

  • AI
    The **HFE20-3/12-1HSD-L1-R** is a specific model of a **Power Latching Relay** manufactured by Hongfa. These components are primarily used in smart meters, lighting control, and industrial automation due to their ability to maintain their state without continuous power. --- ### Part Number Breakdown Understanding the nomenclature helps identify the specific electronic characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **HFE20-3** | Series Name | High-power bistable latching relay series (up to 50A). | | **12** | Coil Voltage | Designed for a **12V DC** control signal. | | **1H** | Contact Form | 1 Form A (Normally Open - SPST-NO). | | **S** | Construction | Sealed type (wash-tight). | | **D** | Contact Material | Silver Tin Oxide ($AgSnO_2$) for high inrush loads. | | **L1** | Coil Type | **Single Coil** Latching (polarity determines state). | | **R** | Polarity | Standard Polarity (Reset/Set orientation). | --- ### Technical Specifications The electronic performance of this relay is centered around high current handling in a small footprint. #### 1. Contact Ratings * **Max Switching Current:** 50A * **Max Switching Voltage:** 250V AC * **Max Switching Power:** 12,500 VA * **Contact Resistance:** $\le 2.0 m\Omega$ (at 1A 6V DC) #### 2. Coil Data (12V DC Model) * **Set/Reset Voltage:** $\le 9.6$ V DC (80% of nominal) * **Pulse Duration:** $\ge 100$ ms (required to switch states) * **Coil Power:** Approx. 1.5W during the pulse. #### 3. Insulation and Safety * **Dielectric Strength:** 4,000V AC (between coil and contacts). * **Creepage Distance:** 8mm (high safety margin for PCB design). * **Surge Voltage:** Up to 10kV ($1.2/50 \mu s$). --- ### Core Electronic Feature: Latching Mechanism Unlike standard relays, the **HFE20-3** is "bistable." * **Operation:** To turn the relay **ON**, you apply a 12V pulse to the coil. To turn it **OFF**, you reverse the polarity of the pulse. * **Efficiency:** Once the relay has switched, it stays in that position mechanically. It consumes **zero power** while idling, making it ideal for energy-efficient devices. * **Inrush Current:** The "D" (Silver Tin Oxide) contacts are specifically designed to withstand the massive current spikes (inrush) common when switching LED drivers or capacitive loads. --- ### Typical Circuit Application When designing a PCB for this part, a **H-Bridge** circuit or a dual-switch driver is usually required to reverse the voltage across the single coil (L1). ```cpp // Example Logic for Single Coil Latching void switchRelay(bool state) { if (state == ON) { apply_pulse(12V, POSITIVE_POLARITY); // Set } else { apply_pulse(12V, REVERSE_POLARITY); // Reset } } ```
    ✨ Follow-up Questions
    • How does a single coil latching relay differ from a double coil version in circuit design?
    • What are the specific advantages of Silver Tin Oxide (AgSnO2) contacts in this relay?
    • Can this relay be used for DC load switching
    • and if so
    • what are the limits?