Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • HG2414P-RTP

  • AI
    The **HG2414P-RTP** is a high-performance, directional **Patch Antenna** manufactured by L-com (HyperLink brand). It is specifically designed for the 2.4 GHz ISM band, commonly used for WiFi and Bluetooth applications. --- ## 1. Technical Specifications The "electronic parts" or core technical parameters of this antenna define its capability to transmit and receive radio frequency (RF) signals. | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 2400 - 2500 MHz (2.4 GHz Band) | | **Gain** | 14 dBi | | **Polarization** | Vertical or Horizontal (Depends on mounting) | | **Horizontal Beamwidth** | 30° | | **Vertical Beamwidth** | 30° | | **Impedance** | 50 Ohm | | **Max Input Power** | 50 Watts | | **Connector Type** | Reverse Polarity TNC (RP-TNC) Plug | --- ## 2. Key Electronic Components & Design ### A. The Patch Element The internal "electronic" heart of the HG2414P is a **Microstrip Patch**. * It consists of a flat rectangular sheet of metal (the patch) mounted over a larger sheet of metal (the ground plane). * The dimensions of the patch are precisely tuned to half the wavelength ($\lambda/2$) of the 2.4 GHz signal to achieve resonance. ### B. The Feed System The antenna uses a **Microstrip Feed Line** to distribute energy to the patch. * **Impedance Matching:** The internal circuitry ensures that the antenna maintains a 50-ohm impedance to minimize **VSWR (Voltage Standing Wave Ratio)**, which prevents signal reflection back into the transmitter. ### C. Connector: RP-TNC Plug The "RTP" in the model name stands for **Reverse Polarity TNC**. * Unlike standard TNC connectors, the RP-TNC has the pin on the female-threaded side. * This is a common safety standard in WiFi equipment to prevent users from connecting high-gain professional antennas to consumer-grade hardware without authorization. --- ## 3. Physical & Environmental Features The electronic components are protected by a ruggedized shell to ensure long-term outdoor operation. * **Radome Material:** UV-stable light gray polymer (protects the patch from sun and rain). * **Backplane:** Heavy-duty aluminum to reflect signals forward and provide a solid ground. * **Mounting:** Includes a tilt-and-swivel mast mount for precise directional aiming. --- ## 4. Typical Applications Because of its **14 dBi gain** and narrow **30-degree beamwidth**, this antenna is used for: 1. **Point-to-Point Links:** Connecting two buildings wirelessly. 2. **Long Range WiFi:** Extending a signal to a specific distant area. 3. **RFID & Bluetooth:** Industrial scanning at distance.
    ✨ Follow-up Questions
    • ⤷ What is the maximum range distance expected with a 14 dBi gain antenna?
    • ⤷ How does the RP-TNC connector differ from an RP-SMA connector?
    • ⤷ What is the benefit of a 30-degree beamwidth compared to an omni-directional antenna?