Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • HS92

  • AI
    The **HS92** is a specific electronic component most commonly identified as a **Hall Effect Current Sensor** or, in some contexts, as part of a series of **thermal fuses/protectors**. Below is a detailed breakdown of the electronic specifications and characteristics based on its most common application in power electronics. --- ### 1. Component Identification The HS92 is primarily manufactured as a high-precision, open-loop Hall Effect device used for measuring DC, AC, and pulsed currents with galvanic isolation. | Feature | Specification Details | | :--- | :--- | | **Technology** | Hall Effect (Open Loop) | | **Primary Current Range** | Typically 0A to 100A (varies by sub-model) | | **Output Type** | Analog Voltage (proportional to current) | | **Supply Voltage ($V_{cc}$)** | +5V DC (standard) | | **Isolation Voltage** | 2.5 kV to 3 kV AC | --- ### 2. Key Electronic Characteristics The HS92 series is designed for efficiency and space-saving on PCBs. #### A. Pin Configuration Most HS92 sensors follow a 4-pin or 5-pin layout: 1. **VCC:** Power supply (usually +5V). 2. **GND:** Ground reference. 3. **VOUT:** The analog signal output. 4. **REF:** Voltage reference (internal or external). #### B. Accuracy and Sensitivity * **Linearity:** High linearity even with rapid changes in current. * **Offset Voltage:** Minimal magnetic offset, ensuring that when the current is zero, the output voltage stays at its reference (usually $V_{cc}/2$). * **Response Time:** Typically < 3 microseconds, making it suitable for high-speed switching power supplies. --- ### 3. Common Applications The HS92 is frequently integrated into the following systems: * **Inverters:** Monitoring current flow to ensure the conversion from DC to AC is stable. * **Variable Speed Drives (VFDs):** Controlling motor speed by providing feedback on the load current. * **Battery Management Systems (BMS):** Measuring charge and discharge cycles in electric vehicles or UPS systems. * **Overcurrent Protection:** Acting as a trigger for safety circuits to shut down hardware during a surge. --- ### 4. Comparison: Current Sensor vs. Thermal Fuse In some niche markets, "HS92" refers to a **Thermal Cutoff (TCO)**. If your part looks like a small metal cylinder with two wires, it is a thermal fuse: | Feature | HS92 Hall Sensor | HS92 Thermal Fuse | | :--- | :--- | :--- | | **Function** | Measurement | Circuit Protection | | **Reusability** | Continuous usage | Single-use (blows at temp) | | **Critical Spec** | Amperage Accuracy | Cut-off Temperature ($^\circ$C) | ---
    ✨ Follow-up Questions
    • How do I calibrate the output voltage of an HS92 sensor?
    • What are the specific temperature ratings for the HS92 thermal fuse variant?
    • Can the HS92 be used with an Arduino or ESP32 for current monitoring?