HT-50V331MIE-R5
AI

Based on the part number **HT-50V331MIE-R5**, this is an **Aluminum Electrolytic Capacitor**. Components with this naming convention typically belong to manufacturers like *Lelon* or similar high-quality passive component producers.
---
### 1. Part Number Breakdown
The alphanumeric string provides specific technical details about the component's physical and electrical characteristics:
| Code Segment | Parameter | Detail |
| :--- | :--- | :--- |
| **HT** | Series | Usually denotes a **High Temperature** or Low Impedance series. |
| **50V** | Voltage Rating | Maximum operating voltage is **50 Volts DC**. |
| **331** | Capacitance | 33 followed by 1 zero = **330 µF** (Microfarads). |
| **M** | Tolerance | **±20%** (Standard for electrolytic capacitors). |
| **I** | Case Size (Dia) | Represents a specific diameter (e.g., 8mm or 10mm depending on chart). |
| **E** | Case Size (Height) | Represents the height of the capacitor. |
| **R5** | Lead Style/Packaging | Often indicates **Lead Spacing** (5.0mm) or Taped/Bulk packaging. |
---
### 2. Technical Specifications
This component is designed for power management and filtering. Below are the estimated technical attributes:
* **Type:** Radial Leaded Aluminum Electrolytic Capacitor.
* **Capacitance:** 330 µF.
* **Voltage:** 50V.
* **Temperature Range:** Typically -40°C to **+105°C** (HT Series).
* **Polarity:** Polarized (has a negative marker on the sleeve).
* **Life Span:** Usually rated for 2,000 to 5,000 hours at maximum temperature.
---
### 3. Application Use Cases
Because of its 50V rating and 330µF capacity, it is commonly found in:
1. **Switching Power Supplies (SMPS):** Used for output filtering to smooth DC voltage.
2. **DC-DC Converters:** Acts as a buffer to handle ripple current.
3. **Audio Equipment:** Used in power stages to ensure stable current delivery.
4. **Industrial Electronics:** General purpose decoupling and bypass.
---
### 4. Circuit Symbol and Installation
When using this part in a schematic or PCB layout, observe the following:
```cpp
// Schematic Symbol:
// +| |--- (Anode - Long Lead)
// | |
// -| |--- (Cathode - Short Lead/Striped side)
// Mounting Considerations:
// 1. Ensure the voltage applied does not exceed 50V.
// 2. Observe polarity; reversing voltage causes component failure.
// 3. Keep away from heat-generating components (Heatsinks).
```
- ⤷
What is the physical lead spacing for the R5 suffix?
- ⤷ How does the ripple current rating affect this capacitor's lifespan?
- ⤷ Can I replace a 50V 331M with a 63V 331M capacitor?