IDT74FCT373C
AI

## Technical Overview: IDT74FCT373C
The **IDT74FCT373C** is a high-speed, low-power CMOS octal transparent latch built with advanced dual-metal CMOS technology. It is part of the 74FCT series, designed to be pin-compatible with standard TTL logic while offering significantly lower power consumption and higher speed.
---
### 1. Key Specifications
The following table summarizes the electrical and operational characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Logic Family** | FCT (Fast CMOS TTL-Compatible) |
| **Logic Function** | Octal Transparent Latch (3-State) |
| **Supply Voltage (Vcc)** | 4.5V to 5.5V |
| **Input Type** | TTL Compatible |
| **Output Type** | 3-State (High Impedance capability) |
| **Propagation Delay** | ~5.2 ns (Grade C) |
| **Quiescent Current** | 5 µA (Typical) |
| **Output Drive (Ioh/Iol)** | -15 mA / 64 mA |
---
### 2. Functional Description
The device consists of eight D-type latches with 3-state outputs. It operates based on two primary control signals:
1. **Latch Enable (LE):**
* When **High**, the latch is "transparent"—the outputs ($Q_n$) follow the data inputs ($D_n$).
* When **Low**, the data present at the inputs at the time of the high-to-low transition is latched and held.
2. **Output Enable ($\overline{OE}$):**
* When **Low**, the latched data is available at the outputs.
* When **High**, the outputs are placed in a high-impedance state (Hi-Z), allowing multiple devices to share a single bus.
---
### 3. Pin Configuration
The IDT74FCT373C typically comes in a 20-pin package (DIP, SOIC, or QSOP).
| Pin Name | Description |
| :--- | :--- |
| **$D_0$ - $D_7$** | 8-Bit Data Inputs |
| **$Q_0$ - $Q_7$** | 8-Bit 3-State Outputs |
| **LE** | Latch Enable Input |
| **$\overline{OE}$** | Output Enable (Active Low) |
| **Vcc / GND** | Power Supply and Ground |
---
### 4. Comparison of FCT Grades
The "C" suffix in `IDT74FCT373C` denotes the speed grade. IDT produces this part in different performance tiers:
* **74FCT373 (Standard):** Baseline speed.
* **74FCT373A:** Faster than standard.
* **74FCT373C:** **Ultra-fast** version (lowest propagation delay).
---
### 5. Application Usage
The 74FCT373C is primarily used in high-performance digital systems for:
* **Bus Buffering:** Interfacing microprocessors with memory or I/O.
* **Address Latches:** Holding memory addresses in multiplexed address/data bus systems.
* **Temporary Data Storage:** Storing data between different clock domains.
---
- ⤷
What is the difference between a transparent latch like the 373 and a D-type flip-flop like the 374?
- ⤷ How does the 'C' speed grade impact power consumption compared to the 'A' grade?
- ⤷ Can this device be used in 3.3V logic systems?