Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • IP1000ALF-DS-R07

  • AI
    The **IP1000ALF-DS-R07** is a specialized integrated circuit (IC) primarily used in networking hardware. It belongs to the **IC Plus Corp** family of Gigabit Ethernet solutions. --- ## 1. Core Functional Overview The IP1000A is a single-chip **Gigabit Ethernet Controller** designed for high-speed data transmission. The "LF" suffix typically indicates a **Lead-Free (RoHS compliant)** version, and "DS" often refers to a specific package or revision (Die-Size/Data Sheet revision). ### Key Specifications | Feature | Description | | :--- | :--- | | **Interface** | 32-bit PCI Interface (v2.2) | | **Speed** | 10/100/1000 Mbps (Triple Speed) | | **Physical Layer** | Integrated 10/100/1000 PHY | | **Standards** | IEEE 802.3, 802.3u, 802.3ab compliant | | **Voltage** | 3.3V I/O with 1.8V Core voltage | | **Package** | 128-pin PQFP or similar small-footprint lead-frame | --- ## 2. Technical Architecture The chip functions as a bridge between a computer's PCI bus and an Ethernet network. It handles the Medium Access Control (MAC) and Physical Layer (PHY) functions. ### Internal Components 1. **MAC Controller:** Handles framing, flow control (IEEE 802.3x), and error detection. 2. **Transceiver (PHY):** Manages the electrical signaling required to transmit data over copper cables (Cat5e/Cat6). 3. **FIFO Buffers:** Internal memory to manage data bursts and prevent packet loss during high-traffic periods. 4. **Power Management:** Supports ACPI and Wake-on-LAN (WoL) functionalities. --- ## 3. Pinout and Integration Integrating this part requires specific peripheral components to ensure stability: ```c // Example of required external components for IP1000A Required_Parts { Crystal: 25MHz (±50ppm); EEPROM: 93C46 (Optional for storing MAC address); Magnetics: 1000Base-T Transformer (e.g., Pulse H5007); Voltage_Regulators: 3.3V and 1.8V LDOs; } ``` ### Application Circuitry * **Termination:** Requires specific resistor networks for the differential pairs (MDI). * **LED Indicators:** Provides pins for Link, Activity, and Speed status. * **PCI Bus:** Direct connection to the host CPU/Northbridge via the 32-bit PCI slot pins. --- ## 4. Common Applications * **Network Interface Cards (NICs):** Traditional PCI plug-in cards for desktop PCs. * **Motherboards:** On-board LAN solutions for older industrial motherboards. * **Embedded Systems:** Industrial PCs requiring reliable Gigabit connectivity over a legacy PCI bus.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption characteristics of the IP1000A during full load?
    • ⤷ Is there a recommended replacement for the IP1000A in modern PCIe-based designs?
    • ⤷ What specific EEPROM configuration is required for the IP1000A to initialize?