Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • IRS080-R11VF42

  • AI
    The **IRS080-R11VF42** belongs to a specific category of infrared (IR) sensing components, typically used in human detection, motion sensing, or proximity applications. Below is a detailed breakdown of its electronic characteristics and functional parts. --- ## 1. Core Component Breakdown The device is generally a **Pyroelectric Infrared (PIR) Sensor** or a related infrared detection module. It converts the thermal energy (infrared radiation) emitted by objects into an electrical signal. | Component Part | Description | | :--- | :--- | | **Infrared Sensitive Element** | Usually a dual-element ceramic or thin-film material that detects changes in IR radiation. | | **Optical Filter/Window** | A silicon-based window that acts as a band-pass filter, allowing only human-body IR wavelengths (approx. 7–14 µm) to pass. | | **Internal FET/Amplifier** | An internal Field Effect Transistor (FET) used for impedance transformation, converting high-impedance charge into a low-impedance voltage output. | | **Housing (R11VF42)** | The physical enclosure (often TO-5 or similar metal can) designed for electromagnetic interference (EMI) shielding. | --- ## 2. Technical Specifications While specific datasheets can vary by manufacturer (often associated with brands like Murata or specialized IR suppliers), the standard parameters for this series are: ### Electrical Characteristics * **Operating Voltage:** Typically ranges from **2.0V to 15V DC**. * **Output Type:** Analog voltage (proportional to the infrared flux change). * **Current Consumption:** Extremely low, usually in the micro-ampere (**µA**) range, making it ideal for battery-operated devices. * **Offset Voltage:** A baseline DC level upon which the IR detection signal is superimposed. ### Performance Metrics * **Sensitivity:** Measured in V/W (Volts per Watt); indicates how much voltage is produced per unit of IR energy. * **Noise Level:** Low peak-to-peak noise to prevent false triggering. * **Field of View (FOV):** Determined by the internal element geometry and the external Fresnel lens used. --- ## 3. Circuit Integration To use the IRS080-R11VF42 in a project, the following electronic stages are required: 1. **Fresnel Lens:** An external plastic lens is mandatory to focus IR radiation onto the sensor's small sensing element. 2. **Amplifier Circuit:** Because the raw output is in the millivolt (mV) range, an Operational Amplifier (Op-Amp) circuit with a gain of roughly 100x to 1000x is used. 3. **Comparator/MCU:** A comparator sets a threshold to trigger a "High" signal when motion is detected, or the signal is fed into an Analog-to-Digital Converter (ADC) of a Microcontroller. --- ## 4. Typical Applications * **Security Systems:** Intrusive motion detectors and burglar alarms. * **Smart Lighting:** Automatic street lights or indoor occupancy sensors. * **Home Automation:** Activating HVAC systems or displays when a person enters a room. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the IRS080 series?
    • ⤷ How do I choose the correct Fresnel lens for this specific sensor?
    • ⤷ Can this sensor distinguish between a human and a small pet?