ISP817AXSMT-R
AI

The **ISP817AXSMT-R** is a high-performance, single-channel phototransistor output optocoupler manufactured by Isocom Components. It is widely used for signal isolation between high-voltage and low-voltage circuits.
---
### ## 1. Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Phototransistor Optocoupler |
| **Number of Channels** | 1 |
| **Isolation Voltage** | 5000 Vrms |
| **Current Transfer Ratio (CTR)** | 80% to 160% (Rank A) |
| **Forward Current ($I_F$)** | 50mA |
| **Collector-Emitter Voltage ($V_{CEO}$)** | 35V |
| **Package Type** | SMT (Surface Mount Technology) |
| **Mounting Type** | Gull-wing (SMD) |
---
### ## 2. Pin Configuration
The device typically follows a standard 4-pin layout:
1. **Pin 1 (Anode):** Positive terminal of the Input LED.
2. **Pin 2 (Cathode):** Negative terminal of the Input LED.
3. **Pin 3 (Emitter):** Emitter terminal of the Output Phototransistor.
4. **Pin 4 (Collector):** Collector terminal of the Output Phototransistor.
---
### ## 3. Key Features and Part Breakdown
The part number **ISP817AXSMT-R** can be broken down to understand its specific features:
* **ISP817:** The base series identifier (compatible with PC817).
* **A:** Refers to the **CTR Rank**. Rank A indicates a Current Transfer Ratio of 80% - 160% at 5mA $I_F$.
* **X:** Often denotes specific internal construction or high-density mounting.
* **SMT:** Indicates Surface Mount Technology packaging.
* **R:** Indicates **Tape and Reel** packaging for automated pick-and-place assembly.
---
### ## 4. Applications
The ISP817AXSMT-R is commonly found in the following environments:
* **Switch Mode Power Supplies (SMPS):** Providing feedback loops while maintaining isolation from the AC mains.
* **PLC/Industrial Control:** Protecting sensitive microcontrollers from electrical noise or surges on input/output lines.
* **Telecommunications:** Signal transmission between circuits with different ground potentials.
* **Computer Peripherals:** Isolating high-speed data buses.
---
### ## 5. Design Considerations
```c
// Design Tip: Calculating the Current Limiting Resistor (Rin)
// Formula: Rin = (V_input - V_forward) / I_forward
V_input = 5.0; // Input Logic Voltage
V_forward = 1.2; // Typical LED drop
I_forward = 0.005; // 5mA for CTR stability
Rin = (5.0 - 1.2) / 0.005; // Result: 760 Ohms
```
- ⤷
What is the difference between CTR Rank A and Rank B for this part?
- ⤷ Can the ISP817AXSMT-R handle high-speed data transmission?
- ⤷ What are the thermal limitations for soldering this SMT component?