Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • JR-53-R/

  • AI
    The **JR-53-R** is a specific model of an **Industrial Joystick Controller**, typically manufactured by companies like *Sakae* or various industrial automation brands. It is designed for precision control in heavy machinery, medical equipment, or crane operations. --- ### 1. Key Technical Specifications The "R" suffix often denotes a specific configuration, such as a **Return-to-center** mechanism or a specific **Resistive** (potentiometric) output. | Feature | Specification (Typical) | | :--- | :--- | | **Number of Axes** | 3-Axis (X, Y, and Z/Rotation) | | **Sensor Type** | Conductive Plastic Potentiometer | | **Resistance Value** | Usually 10kΩ per axis | | **Mechanical Life** | 5,000,000 operations | | **Input Voltage** | Typically 5V to 15V DC | | **Handle Style** | Ergonomic knob with Z-axis rotation | --- ### 2. Electronic Components & Working Principle The JR-53-R operates based on electromechanical conversion. Below are the primary internal parts: #### A. Potentiometers (The Sensors) * **Function:** Each axis (X, Y, and Z) is coupled to a high-precision potentiometer. * **Operation:** As the lever moves, the wiper inside the potentiometer slides across a resistive track, changing the voltage output proportionally to the angle of the stick. #### B. Spring Return Mechanism * **Function:** Ensures the joystick returns to the "neutral" (center) position when released. * **Electronics Link:** This defines the "Dead Zone." If the springs weaken, the electronic output may show "drift" (a non-zero voltage at idle). #### C. Dust Cover / Bellows * **Material:** Usually high-grade rubber (EPDM). * **Function:** Protects the internal electronic contacts from moisture, dust, and oil, ensuring the signal remains clean and noise-free. #### D. Terminal Blocks / Wiring * The joystick typically uses a multi-pin connector. * **Pinout structure:** Each axis requires a **VCC** (Positive), **GND** (Ground), and a **Wiper/Signal** wire. --- ### 3. Wiring Logic Example If connecting to a Microcontroller (like an Arduino or PLC), the logic follows a basic voltage divider circuit: ```cpp // Example: Reading X-axis from a JR-53-R potentiometer int xAxisPin = A0; int xValue = 0; void setup() { Serial.begin(9600); } void loop() { xValue = analogRead(xAxisPin); // Reads 0 to 1023 Serial.println(xValue); delay(100); } ``` --- ### 4. Common Applications * **CCTV Systems:** Controlling Pan-Tilt-Zoom (PTZ) cameras. * **Medical Equipment:** Precise positioning for imaging or robotic surgery. * **Construction:** Remote control for concrete pumps or crane booms.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the JR-53-R series?
    • ⤷ How do I troubleshoot 'signal drift' in industrial potentiometric joysticks?
    • ⤷ Are there Hall-effect versions of the JR-53 joystick for longer life?