Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • JS0408FP4-R

  • AI
    The **JS0408FP4-R** is a high-performance, ultra-low capacitance transient voltage suppressor (TVS) diode array. It is specifically designed to protect high-speed data interfaces from Electrostatic Discharge (ESD). --- ## 1. Core Technical Specifications The following table summarizes the key electrical characteristics of the JS0408FP4-R: | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Peak Pulse Power** (8/20μs) | $P_{pk}$ | 60 | Watts | | **Reverse Working Voltage** | $V_{RWM}$ | 5.0 | Volts (Max) | | **Breakdown Voltage** | $V_{BR}$ | 6.0 | Volts (Min) | | **Junction Capacitance** | $C_j$ | 0.4 | pF (Typ) | | **Clamping Voltage** (IPP=1A) | $V_C$ | 15 | Volts (Max) | | **Number of Lines Protected** | - | 4 | Channels | --- ## 2. Key Features * **Ultra-Low Capacitance:** With a typical capacitance of **0.4pF**, it ensures minimal signal distortion, making it ideal for high-frequency applications. * **Flow-Through Design:** The pinout is organized to allow high-speed PCB traces to run straight through the component, minimizing parasitic inductance. * **ESD Protection:** Provides protection up to **±15kV (Air)** and **±8kV (Contact)** according to IEC 61000-4-2 standards. * **Small Footprint:** Typically comes in a DFN-10 or similar small-scale surface-mount package. --- ## 3. Common Applications This part is commonly used in interfaces where data integrity and high speed are critical: 1. **HDMI 1.4/2.0:** Protecting TMDS lines. 2. **USB 3.0 / 3.1:** Protecting SuperSpeed differential pairs. 3. **DisplayPort:** Preventing ESD damage to monitor interfaces. 4. **SATA/SAS:** High-speed storage interfaces. 5. **MDDI/MIPI:** Mobile industry processor interfaces. --- ## 4. Typical Circuit Configuration The device uses a rail-to-rail configuration to clamp transients to either the supply rail or ground. ```c // Simplified Pin Connection Concept [ Data Line 1 ] <---> Pin 1 (JS0408FP4-R) [ Data Line 2 ] <---> Pin 2 (JS0408FP4-R) [ Ground ] <---> Pin 3 (Central Ground) [ Data Line 3 ] <---> Pin 4 (JS0408FP4-R) [ Data Line 4 ] <---> Pin 5 (JS0408FP4-R) ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 0.4pF capacitance in USB 3.0 applications?
    • ⤷ How does the 'flow-through' pinout improve PCB layout for this part?
    • ⤷ What are the equivalent alternatives to the JS0408FP4-R from other manufacturers?