Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • KMT-2-R

  • AI
    ## Overview of KMT-2-R The **KMT-2-R** is a specific model within the KMT series of tactile switches manufactured by **C&K Components** (now part of Littelfuse). It is a subminiature, surface-mount (SMT) tactile switch designed for applications where space is extremely limited. --- ### Technical Specifications The following table outlines the primary electronic and physical characteristics of the KMT-2-R: | Feature | Specification | | :--- | :--- | | **Type** | Tactile Switch (Momentary) | | **Actuation Force** | 1.6 N (160 grams) | | **Operating Life** | 300,000 cycles | | **Contact Rating** | 0.5 VA max / 32 VDC max | | **Contact Resistance** | < 150 mΩ | | **Insulation Resistance** | > 50 MΩ | | **Travel** | 0.15 mm ± 0.1 mm | | **Mounting Type** | SMT (Surface Mount Technology) | --- ### Key Components and Design The KMT-2-R consists of several integrated electronic and mechanical parts: 1. **Leadframe/Terminals:** * Made of silver-plated brass or copper alloy. * Features a "J" bend or flat lead design for SMT soldering. 2. **Contact Dome:** * The "heart" of the switch. Usually made of stainless steel with gold or silver plating. * It provides the tactile "click" sensation and completes the circuit when pressed. 3. **Actuator:** * A small integrated plunger that transfers the user's physical force to the metal dome. 4. **Housing/Base:** * Constructed from high-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand reflow soldering temperatures. 5. **Ground Pin:** * The "R" in the part number often signifies a specific configuration regarding the integrated ground pin, which helps with ESD (Electrostatic Discharge) protection. --- ### Applications Because of its ultra-small footprint ($2.6 \times 3.0 \times 0.65 \text{ mm}$), the KMT-2-R is commonly found in: * **Wearable Technology:** Smartwatches and fitness trackers. * **Mobile Devices:** Volume buttons and power keys for smartphones. * **Medical Electronics:** Hearing aids and portable diagnostic tools. * **Consumer Electronics:** Remote controls and Bluetooth headsets. --- ### Advantages * **Ultra-Low Profile:** One of the thinnest tactile switches available ($0.65\text{ mm}$ height). * **Durability:** High cycle life despite its miniature size. * **Environmental Sealing:** Typically IP68 rated, meaning it is protected against dust and water immersion.
    ✨ Follow-up Questions
    • ⤷What is the difference between the KMT-2-R and the KMT-2-G models?
    • ⤷ How does the ESD ground pin function in the KMT-2-R?
    • ⤷ What are the recommended reflow soldering profiles for this component?