Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • KSF-3D-R

  • AI
    The **KSF-3D-R** typically refers to a high-precision, 3D laser sensing or displacement sensor system often used in industrial automation, welding seam tracking, or robotic vision. Below is a breakdown of the electronic components and systems typically integrated into this unit: --- ## 1. Primary Electronic Components The KSF-3D-R functions through a combination of optical capture and high-speed signal processing. | Component | Function | Technical Detail | | :--- | :--- | :--- | | **Laser Diode** | Light Source | Usually a Class 3R or 2M red/blue laser that projects a line onto the target. | | **CMOS/CCD Sensor** | Image Capture | A high-speed industrial imaging chip that captures the reflected laser profile. | | **SoC / FPGA** | Processing Unit | Handles real-time image processing, filtering noise, and calculating coordinates. | | **A/D Converter** | Signal Conversion | Converts analog light intensity signals into digital data for the processor. | | **Thermal Management** | Protection | Internal thermistors and cooling heat sinks to ensure stability under high duty cycles. | --- ## 2. Interface and Connectivity The electronic "back-end" of the sensor relies on standardized industrial communication protocols to interact with PLCs (Programmable Logic Controllers) or Robot Controllers. ### Power Supply * **Voltage:** Typically operates on **24V DC**, standard for industrial environments. * **Protection:** Includes reverse polarity protection and overvoltage suppression. ### Data Communication * **Ethernet/IP or Profinet:** Used for high-speed transmission of 3D profile data. * **RS-422 / RS-232:** Sometimes used for legacy serial communication or simple parameter triggering. * **I/O Pins:** Digital inputs/outputs for "Trigger" (start measurement) and "Good/NG" (Pass/Fail) signals. --- ## 3. Sensing Architecture The electronic workflow of the KSF-3D-R follows a specific "Triangulation" logic: 1. **Emission:** The **Driver Circuit** pulses the laser diode at a specific frequency. 2. **Reception:** The reflected light hits the **Optical Receiver** (lens + CMOS). 3. **Analysis:** The **DSP (Digital Signal Processor)** calculates the displacement ($Z$) and width ($X$) based on the pixel position on the sensor. 4. **Output:** The processed coordinate data is sent via the **Communication Controller** to the robotic arm. --- ## 4. Key Specifications | Feature | Description | | :--- | :--- | | **Sampling Rate** | Often ranges from 100Hz to 5kHz depending on the specific sub-model. | | **Resolution** | Sub-micron or micron-level electronic precision. | | **ESD Protection** | Built-in shielding to prevent interference from welding arcs or high-voltage machinery. | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the 24V power connector?
    • ⤷ Does the KSF-3D-R support EtherCAT communication for real-time motion control?
    • ⤷ How does the electronic filtering handle reflective metal surfaces?