Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • KTS-83-R

  • AI
    The **KTS-83-R** is an electronic component, specifically a **thermal protector (thermal switch)** or a **bimetallic thermostat**, often used in household appliances like water heaters, coffee makers, and industrial heating systems. It acts as a safety mechanism to prevent overheating. --- ## 1. Technical Specifications The "R" usually denotes a **Manual Reset** function, meaning the device stays disconnected after tripping until a physical button is pressed. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Bimetal Disc Thermostat | | **Action Type** | Normally Closed (NC) | | **Reset Type** | Manual Reset | | **Current Rating** | 16A / 20A / 25A (Model dependent) | | **Voltage Rating** | 250V AC | | **Terminal Type** | 6.3mm Quick Connect (Faston) | | **Temperature Range** | Typically fixed (e.g., 75°C to 120°C) | --- ## 2. Core Electronic Components The KTS-83-R is an electromechanical device. Its internal "electronics" consist of the following parts: ### A. The Bimetallic Disc The heart of the unit. It consists of two different metals bonded together. Because these metals expand at different rates when heated, the disc "snaps" or deforms at a precise calibrated temperature. ### B. Contact Points * **Stationary Contact:** Fixed to the terminal. * **Movable Contact:** Attached to a spring arm that is pushed by the bimetallic disc. * *Material:* Usually silver alloy to prevent oxidation and ensure high conductivity during heavy loads. ### C. Ceramic or Phenolic Housing The outer casing is made of high-temperature resistant insulating material (often ceramic) to prevent electrical arcing and withstand the heat of the environment it monitors. ### D. Manual Reset Pin A plastic or ceramic plunger located at the center. Once the bimetal disc pops, it locks into the "open" position. The pin allows the user to manually push the disc back into its original conductive state after the temperature has cooled down. --- ## 3. Operating Principle (Logic) The device follows a simple "Cut-off" logic: 1. **Normal State:** The bimetal disc is flat; contacts are closed; electricity flows to the heater. 2. **Overheat State:** The temperature reaches the set limit (e.g., 95°C). The disc snaps into a concave shape. 3. **Circuit Break:** The snapping action pushes the contacts apart, instantly cutting power to the load. 4. **Reset:** Even if the temperature drops, the circuit remains open. A technician must manually press the **Reset Button** to restore the circuit. --- ## 4. Typical Application Example In a **Water Heater**, the KTS-83-R is wired in series with the heating element: ```mermaid [Power Supply] ---> [KTS-83-R Safety Switch] ---> [Main Thermostat] ---> [Heating Element] ---> [Neutral] ``` *If the main thermostat fails and stays ON, the KTS-83-R detects the dangerous temperature rise and cuts the power to prevent the tank from exploding or melting.*
    ✨ Follow-up Questions
    • ⤷ What is the difference between the KTS-83-R and the KTS-83-A models?
    • ⤷ How do I test if a KTS-83-R is faulty using a multimeter?
    • ⤷ Can this component be used in DC circuits instead of AC?