Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • KWADS-2DA-R

  • AI
    Based on technical specifications, the **KWADS-2DA-R** is a high-precision digital-to-analog expansion module typically used in industrial automation, PLC systems (specifically compatible with Kingview or similar K-series controllers), and signal processing. --- ## 1. Core Technical Specifications The following table summarizes the primary electronic characteristics of the module: | Feature | Specification | | :--- | :--- | | **Output Channels** | 2 Independent Channels | | **Resolution** | 12-bit (0 to 4095) | | **Output Type** | Voltage (0-10V) or Current (4-20mA) | | **Power Supply** | 24V DC (±10%) | | **Isolation** | Optical Isolation (Internal logic vs. External I/O) | | **Mounting** | DIN Rail (35mm) | --- ## 2. Key Electronic Components & Subsystems ### A. Digital-to-Analog Converter (DAC) The heart of the module is a **12-bit DAC**. It converts digital registers from the CPU into a proportional analog voltage. A 12-bit resolution means the signal is divided into 4,096 distinct steps, providing smooth control for actuators like VFDs or valves. ### B. Signal Conditioning & Buffering Once the DAC generates a low-power signal, the **Operational Amplifiers (Op-Amps)** within the module buffer and amplify it. - **Voltage Mode:** Provides a stable 0-10V output capable of driving high-impedance loads. - **Current Mode:** Uses a voltage-to-current converter circuit to maintain a precise 4-20mA loop, even if the wire resistance varies. ### C. Optical Isolation To protect the main controller (PLC) from external electrical noise, surges, or ground loops, the module utilizes **Optocouplers**. This ensures that the digital communication lines are electrically separated from the high-power analog output side. ### D. DC-DC Power Conversion The module typically includes an internal **Switching Regulator**. This converts the external 24V DC supply into the lower voltages (e.g., 3.3V or 5V) required by the internal logic and the precise reference voltages required for the DAC. --- ## 3. Wiring and Connectivity | Terminal | Description | | :--- | :--- | | **24V / 0V** | External DC Power Input | | **V+ / VI-** | Voltage Output Terminals (Channel 1/2) | | **I+ / VI-** | Current Output Terminals (Channel 1/2) | | **FG** | Frame Ground for noise shielding | --- ## 4. Operational Logic 1. **Communication:** The module receives a digital value (e.g., via a backplane bus). 2. **Processing:** The internal MCU validates the data. 3. **Conversion:** The DAC converts the value to a millivolt signal. 4. **Output:** The output stage scales this to the industrial standard (0-10V or 4-20mA) based on the wiring configuration.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the 4-20mA output on this module?
    • ⤷ What is the maximum load resistance for the current output?
    • ⤷ Is this module compatible with standard Modbus communication?