KWN-R-50
AI

The **KWN-R-50** is a high-performance industrial fuse manufactured by **Eaton (Bussmann Series)**. It is specifically designed for power distribution and motor protection applications.
---
## 1. Technical Specifications
The following table outlines the core electrical characteristics of the KWN-R-50:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | KWN-R-50 |
| **Fuse Class** | Class RK1 |
| **Current Rating** | 50 Amps |
| **Voltage Rating (AC)** | 250 VAC |
| **Interrupting Rating** | 200,000 Amps (RMS Symmetrical) |
| **Response Time** | Fast-Acting |
| **Body Material** | Melamine (Fiberglass) |
| **Terminal Type** | Blade / Ferrule (Cartridge) |
---
## 2. Key Electronic Features
### A. Class RK1 Performance
The "R" in the part number signifies its classification. Class RK1 fuses are highly current-limiting. They are designed to replace older Class H or K fuses to provide superior protection against short circuits.
### B. High Interrupting Capacity
With a rating of **200kA**, this fuse can safely interrupt extremely high fault currents without exploding or damaging the surrounding equipment. This makes it suitable for main service entrances and heavy industrial panels.
### C. Fast-Acting Response
Unlike "Time-Delay" fuses (which allow for temporary surges like motor startups), the KWN-R-50 is **Fast-Acting**. It is engineered to open quickly when an overcurrent occurs, providing maximum protection for sensitive electronic components and non-inductive loads.
---
## 3. Physical Dimensions
The KWN-R-50 follows standard physical sizing for 250V, 31-60A cartridge fuses:
* **Length:** Approximately 3.0 inches (76.2 mm)
* **Diameter:** Approximately 0.81 inches (20.6 mm)
---
## 4. Common Applications
* **Branch Circuit Protection:** Used in electrical panels to protect downstream wiring.
* **Resistive Loads:** Ideal for electric heating elements and lighting circuits.
* **Control Transformers:** Protecting the primary side of industrial transformers.
* **Safety Switches:** Often found in heavy-duty disconnect switches.
---
## 5. Comparison: KWN-R vs. LPN-RK
It is important to distinguish between these two common Bussmann series:
| Feature | KWN-R (Fast-Acting) | LPN-RK (Time-Delay) |
| :--- | :--- | :--- |
| **Best For** | Resistive loads / Quick shutoff | Motors / Inductive loads |
| **Surge Handling** | Low (trips quickly) | High (ignores startup spikes) |
- ⤷
What is the difference between a Class RK1 and a Class RK5 fuse?
- ⤷ Can a KWN-R-50 be used in a 480V circuit?
- ⤷ How do I test if a KWN-R-50 fuse is blown using a multimeter?