Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • L3CK-5F-R

  • AI
    The **L3CK-5F-R** is a specific electronic component belonging to the **Signal Relay** category, typically manufactured by companies like **NEC/Tokin** (now part of KEMET). It is widely used in telecommunications, testing equipment, and medical instrumentation due to its compact size and high sensitivity. --- ## 1. Technical Specifications The part number defines the physical and electrical characteristics of the relay. Below are the primary specifications: | Parameter | Specification | | :--- | :--- | | **Contact Form** | 2 Form C (DPDT - Double Pole Double Throw) | | **Coil Voltage** | 5V DC | | **Coil Resistance** | Approx. 178 Ω | | **Nominal Power** | 140 mW (High Sensitivity) | | **Max Switching Voltage** | 220V DC / 250V AC | | **Max Switching Current** | 2 A | | **Mounting Type** | Through-hole (PCB) | --- ## 2. Key Features and Construction The L3 series is designed for precision and reliability. Key electronic features include: ### A. Contact Material The contacts are typically made of **Silver alloy with Gold overlay**. This construction ensures low contact resistance and prevents oxidation, making it ideal for switching low-level signals (dry circuits) without signal loss. ### B. Sensitivity The "L3" designation often refers to the high-sensitivity coil design. It requires very low power to actuate, which minimizes heat dissipation on the PCB and allows it to be driven directly by many logic circuits or small transistors. ### C. Sealed Structure The "R" suffix and general series design usually imply a **Plastic Sealed** construction. This protects the internal mechanics from flux during soldering and environmental contaminants during the device's lifespan. --- ## 3. Pin Configuration (Typical DPDT) While you should always consult the specific datasheet for the footprint, the standard layout for this 8-pin/10-pin miniature relay usually follows this logic: 1. **Coil Pins:** Two pins dedicated to the 5V DC input. 2. **Common (COM):** Two pins (one for each pole). 3. **Normally Closed (NC):** Two pins that stay connected to COM when power is off. 4. **Normally Open (NO):** Two pins that connect to COM only when 5V is applied to the coil. --- ## 4. Common Applications * **Telecommunications:** Switching telephone lines or modem signals. * **Audio/Video:** Signal routing in high-fidelity audio equipment where low distortion is required. * **Measurement Tools:** Range switching in multimeters or oscilloscopes. * **Security Systems:** Control interfaces for alarm panels.
    ✨ Follow-up Questions
    • ⤷ What is the pinout diagram for the L3CK-5F-R?
    • ⤷ Can I drive this relay directly from an Arduino or microcontroller GPIO?
    • ⤷ What are the equivalent replacement parts for the L3CK series?