Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • LB1138BG-36-AF5-R

  • AI
    The **LB1138BG-36-AF5-R** is a specific electronic component, typically categorized as a **Linear Voltage Regulator** (LDO). This part is designed to maintain a steady output voltage despite fluctuations in input voltage or load conditions. Below is a detailed breakdown of its specifications, pinout, and typical applications. --- ## 1. Component Overview This device is often part of a series of low-dropout regulators (LDOs) designed for space-constrained applications requiring high efficiency and low noise. ### Key Specifications | Feature | Description | |:---|:---| | **Output Voltage** | 3.6V (Fixed) | | **Component Type** | CMOS Low Dropout Regulator (LDO) | | **Package Type** | SOT-23-5 (Commonly denoted by the AF5 suffix) | | **Max Input Voltage** | Typically up to 6V - 7V | | **Output Current** | Usually 300mA to 500mA (depending on thermal dissipation) | | **Accuracy** | ±2% | --- ## 2. Pin Configuration (SOT-23-5) The typical pinout for an AF5 (SOT-23-5) package LDO is structured as follows: | Pin Number | Symbol | Function | |:---:|:---:|:---| | 1 | **VIN** | Input Voltage Supply | | 2 | **GND** | Ground | | 3 | **EN / CE** | Enable / Chip Enable (High = On, Low = Off) | | 4 | **NC / BYP** | No Connection or Bypass Capacitor (for noise reduction) | | 5 | **VOUT** | Regulated Output Voltage (3.6V) | --- ## 3. Part Number Decoder Understanding the suffixes helps in identifying the exact variant: * **LB1138BG**: The base series/model number. * **36**: Represents the fixed output voltage (3.6V). * **AF5**: Refers to the physical package type (**SOT-23-5**). * **R**: Indicates the packaging method (**Tape & Reel**). --- ## 4. Typical Application Circuit To ensure stability and low noise, external capacitors are required. ```cpp // Schematic representation [Input Voltage] ----[ C1: 1uF ]----( VIN ) ( EN )---- [Logic High] ( GND )---- [Ground] [3.6V Output] ----[ C2: 1uF ]----( VOUT) ``` ### Important Design Considerations: 1. **Dropout Voltage:** Ensure the input voltage is at least 0.2V - 0.3V higher than the 3.6V output for the regulator to function correctly. 2. **Thermal Dissipation:** Since this is a linear regulator, excess voltage $(V_{in} - V_{out}) \times I_{out}$ is dissipated as heat. Ensure adequate PCB copper for cooling. 3. **Capacitor Selection:** Low ESR ceramic capacitors are recommended for the input and output to prevent oscillation. ---
    ✨ Follow-up Questions
    • What is the maximum dropout voltage for the LB1138BG series?
    • Can this regulator be used with an input voltage higher than 10V?
    • How does the 'Enable' pin affect power consumption in standby mode?