Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • LCANMOB1003-RSP

  • AI
    The **LCANMOB1003-RSP** is a specialized high-performance antenna component, typically used in mobile and IoT applications. It is part of the L-com (Infinite Electronics) line of mobile antennas. Below is a detailed breakdown of its electronic specifications and physical characteristics. --- ### 1. General Specifications This part is a **Multi-Band Mobile Antenna** designed for cellular and IoT connectivity. It is engineered to cover a wide frequency range, making it compatible with 4G/LTE and early 5G sub-6 GHz bands. | Parameter | Specification | | :--- | :--- | | **Part Number** | LCANMOB1003-RSP | | **Frequency Range** | 698 MHz – 2700 MHz | | **Gain** | 3 dBi | | **Polarization** | Vertical | | **Connector Type** | RP-SMA Plug (Reverse Polarity SMA) | | **Impedance** | 50 Ohms | --- ### 2. Electronic Performance Characteristics The electronic performance of the LCANMOB1003-RSP is defined by its ability to maintain a stable connection across varied cellular bands. * **VSWR (Voltage Standing Wave Ratio):** Typically **≤ 2.0:1**. This indicates high efficiency in power transfer from the radio to the antenna with minimal signal reflection. * **Radiation Pattern:** Omnidirectional. It transmits and receives signals equally in all horizontal directions (360°), which is critical for mobile assets (trucks, vans, or mobile robots). * **Power Rating:** It can generally handle up to **50 Watts** of input power, suitable for standard mobile transceivers. --- ### 3. Physical & Material Composition The "Electronic Part" also includes the hardware used to shield and transmit the signal. * **Radome Material:** Usually composed of UV-stabilized ABS or similar rugged plastic to protect the internal radiator from environmental factors. * **Connector - "RSP" Suffix:** The **RSP** in the part number specifically denotes an **RP-SMA Plug**. This is a "Reverse Polarity" connector often used in Wi-Fi and specialized cellular equipment to comply with FCC regulations regarding non-standard antenna attachments. * **Mounting:** It features a magnetic mount base (typically), allowing for temporary or permanent placement on metallic surfaces (ground planes). --- ### 4. Application Use-Cases Electronic engineers integrate this part into systems requiring: 1. **Telematics:** Vehicle tracking and data transmission. 2. **M2M (Machine to Machine):** Industrial automated communication. 3. **Cellular Boosters:** Improving signal reception for remote IoT gateways.
    ✨ Follow-up Questions
    • ⤷What is the difference between an SMA and an RP-SMA connector in this context?
    • ⤷ Does this antenna require a ground plane for optimal performance?
    • ⤷ What are the specific frequency cut-offs for the 698-2700 MHz range?