Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • LCS-12B-R/E2

  • AI
    The **LCS-12B-R/E2** is a specific electronic component, typically categorized as a **current sensor** (often used in HVAC, industrial automation, or power monitoring systems). It is designed to detect the presence of AC current and provide a switched output or signal. Below is a detailed breakdown of its electronic components and specifications. --- ## 1. Technical Specifications This device functions as a solid-state current switch. Its primary purpose is to monitor a wire and close a circuit when the current exceeds a certain threshold. | Feature | Specification | | :--- | :--- | | **Sensor Type** | Toroidal Current Transformer (Internal) | | **Output Type** | Solid State Switch (Normally Open) | | **Current Range** | Usually 1 - 150 Amps AC (Sensing) | | **Threshold** | Fixed or Adjustable (depending on sub-model) | | **Isolation Voltage** | Usually up to 600V AC | | **Output Rating** | 0.3A @ 135V AC/DC (Typical) | --- ## 2. Key Electronic Parts & Functionality The device is composed of three main functional blocks: ### A. The Toroidal Core (Current Transformer) The "hole" in the middle of the sensor contains a **Toroidal Coil**. - **Function:** When an AC wire passes through the center, it acts as the primary winding of a transformer. - **Result:** It induces a small, proportional current in the internal secondary windings of the sensor. ### B. Rectification and Comparison Circuit The small induced signal from the coil must be processed: - **Rectifier:** Converts the induced AC signal into a DC voltage. - **Zener Diodes/Resistors:** Used for voltage regulation and setting the trigger threshold. - **Comparator:** An internal circuit (often an operational amplifier or a simple transistor logic gate) compares the induced voltage against a reference. ### C. Output Switch (Solid State) Unlike a mechanical relay, this device uses a **Solid State Output**. - **Component:** Usually a **MOSFET** or a **TRIAC**. - **Function:** When the sensed current exceeds the threshold, the output component switches to a low-resistance state, allowing a signal to pass to a PLC, controller, or indicator light. --- ## 3. Wiring and Termination The **"R/E2"** suffix often refers to the housing or termination style (e.g., specific lead wires or terminal blocks). ```text Wiring Diagram Concept: [ Power Source ] ---- ( Wire passing through LCS-12B ) ---- [ Load ] | |--- [ Output Terminals ] ---> [ To Controller/PLC ] ``` ### Key Advantages: 1. **Galvanic Isolation:** The monitoring circuit is physically separated from the high-voltage load wire. 2. **Self-Powered:** It usually draws power from the induced current, requiring no external power supply for the sensing logic. 3. **Longevity:** No moving parts (solid state) means it does not wear out like a traditional relay. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact trip point or threshold for the LCS-12B-R/E2 model?
    • ⤷ Can this sensor be used to monitor DC current?
    • ⤷ How do you install this sensor in a 3-phase power system?