LCS-13-R/E
AI

## Electronic Overview: LCS-13-R/E
The **LCS-13-R/E** is a specific model within the **LCS series of Limit Switches** (often associated with manufacturers like Honeywell or Crouzet). These devices are essentially electromechanical switches designed to detect the presence or position of an object through physical contact.
---
### 1. Core Electronic Components
The "R/E" designation typically refers to the electrical termination and the contact configuration. Below are the primary electronic elements:
| Component | Description |
| :--- | :--- |
| **Contact Block** | The internal mechanism that opens or closes the circuit. Usually features **Silver (Ag)** or **Gold-plated** contacts for low-level switching. |
| **Micro-switch Mechanism** | A snap-action mechanism that ensures rapid movement of the contacts, regardless of the actuator speed. |
| **Terminal Connections** | Depending on the "R/E" suffix, these are either **Solder terminals**, **Quick-connect (Faston)**, or **PCB pins**. |
| **Insulation Housing** | Made of high-grade thermoplastic (e.g., PBT or Polyamide) to prevent electrical arcing and ensure dielectric strength. |
---
### 2. Electrical Specifications
These parts are designed to operate within specific voltage and current ranges to prevent thermal failure or contact welding.
* **Rated Voltage:** Typically supports up to **250V AC**.
* **Current Rating:** Usually rated between **0.1A to 5A** depending on the specific contact material (Gold is for low current, Silver for higher).
* **Contact Resistance:** Generally below **50 mΩ** to ensure efficient signal transmission.
* **Insulation Resistance:** Usually > **100 MΩ** at 500V DC.
---
### 3. Circuit Configuration (SPDT)
Most LCS-13 models utilize a **Single Pole Double Throw (SPDT)** configuration. This allows the switch to be used in two primary ways:
1. **Normally Open (NO):** The circuit is completed only when the switch is pressed.
2. **Normally Closed (NC):** The circuit is broken when the switch is pressed.
```mermaid
graph LR
Common(COM Terminal) --- NC(NC Terminal - Closed by Default)
Common(COM Terminal) -.-> NO(NO Terminal - Open by Default)
```
---
### 4. Meaning of Suffixes (R/E)
In the context of the LCS series:
* **LCS:** Series prefix (Subminiature Snap Action).
* **13:** Often denotes the operating force or specific physical dimensions.
* **R:** Usually refers to the **Actuator Type** (e.g., Roller Lever).
* **E:** Often refers to the **Terminal Type** (e.g., Right-angle PCB terminals or specific wire leads).
---
- ⤷
What are the specific differences between silver and gold contacts in the LCS-13 series?
- ⤷ How do I calculate the maximum load capacity for an LCS-13-R/E switch in a DC circuit?
- ⤷ What is the mechanical life expectancy (number of cycles) for this switch model?