Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

  • LDS0705-101M-R

  • AI
    ## Overview of LDS0705-101M-R The **LDS0705-101M-R** is a specific model of a **Shielded Surface Mount (SMD) Power Inductor**. These components are critical in power management circuits for energy storage and filtering. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **LDS** | Series Prefix | High-current shielded power inductor series. | | **0705** | Case Size | Approximately 7.0mm x 7.0mm x 5.0mm. | | **101** | Inductance Value | 100 µH (10 followed by 1 zero). | | **M** | Tolerance | ±20% variation allowed. | | **R** | Packaging/Compliance | Usually indicates RoHS compliance or Tape & Reel packaging. | --- ### 2. Key Technical Specifications Based on standard industry data for the 0705 series, here are the typical electrical parameters: * **Inductance:** 100 µH * **DC Resistance (DCR):** Typically ranging between 0.20Ω to 0.50Ω (model specific). Lower DCR improves efficiency. * **Rated Current (Isat):** The current at which inductance drops by a specific percentage (usually 10-30%). * **Operating Temperature:** Typically -40°C to +125°C. * **Shielding:** Magnetic shielding reduces Electromagnetic Interference (EMI) with surrounding components. --- ### 3. Electronic Functionality The LDS0705-101M-R performs several vital roles within a circuit: 1. **Energy Storage:** In DC-DC converters (like Buck or Boost converters), it stores energy in its magnetic field during the "ON" cycle and releases it during the "OFF" cycle. 2. **Noise Filtering:** It acts as a low-pass filter, allowing DC current to pass while blocking high-frequency AC noise. 3. **Voltage Regulation:** It helps maintain a steady output voltage by resisting sudden changes in current flow. --- ### 4. Common Applications Due to its size and shielding, it is commonly found in: * **Power Supplies:** Switching regulators for laptops and industrial PCs. * **Consumer Electronics:** LED drivers, televisions, and game consoles. * **DC-DC Converters:** Point-of-load (POL) power modules. --- ### 5. Footprint/Mounting This is an **SMD (Surface Mount Device)** component. It features two metallic terminals on the bottom designed to be soldered directly onto a Printed Circuit Board (PCB) using reflow soldering. ```markdown Typical Solder Pad Layout (Top View): [ Pad A ] --- [ Body ] --- [ Pad B ] |<- 7.0mm ->| ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Isat) for this specific 100µH inductor?
    • ⤷ How does magnetic shielding impact the performance of this part compared to unshielded versions?
    • ⤷ What are the common alternatives or equivalents for the LDS0705 series?