LEDSL4WH
AI

The **LEDSL4WH** typically refers to a 4-inch LED Slim Recessed Downlight (often manufactured by brands like Eaton/Halo or Cooper Lighting). These units are popular because they do not require a traditional "can" housing.
Below is a breakdown of the electronic components and specifications for this type of fixture.
---
### 1. Primary Electronic Components
| Component | Function |
| :--- | :--- |
| **LED Array (SMD)** | Surface Mounted Diodes that produce the actual light. Usually arranged in a circular pattern for even distribution. |
| **LED Driver** | The "power supply" that converts high-voltage AC (120V) to low-voltage DC current required by the LEDs. |
| **Heat Sink** | An aluminum backing that dissipates heat away from the LEDs to prevent premature failure. |
| **Diffuser** | A polycarbonate lens that scatters the light to reduce glare and eliminate "hot spots." |
| **Junction Box** | A detached metal box containing the wiring terminals and the driver, allowing for installation in tight ceiling spaces. |
---
### 2. Technical Specifications
Most units in the **LEDSL4** series share these common electrical characteristics:
* **Input Voltage:** 120V AC, 60Hz.
* **Wattage:** Approximately 9W to 12W (equivalent to a 60W-75W incandescent).
* **Lumens:** Generally ranges between 600 to 900 Lumens.
* **Color Temperature (CCT):** 3000K (Warm White) is standard, though many "WH" models are now **Selectable** (offering 2700K to 5000K via a switch).
* **CRI (Color Rendering Index):** Usually 90+, ensuring colors look vibrant and accurate.
---
### 3. Wiring Configuration
The electronics are designed for a "Plug-and-Play" installation using a specific connector.
```text
[Power Source] --> [Junction Box/Driver] --> [Twist-Lock Connector] --> [LED Trim/Light]
```
* **Input Wires:** Black (Hot), White (Neutral), and Green (Ground).
* **Dimming Circuitry:** Most utilize **TRIAC** or **ELV** (Forward/Reverse Phase) dimming, allowing the light to be dimmed down to 5% or 10% without flickering.
---
### 4. Safety & Protection Features
* **IC Rated:** The electronics are thermally protected so they can come into direct contact with ceiling insulation.
* **Airtight:** The housing is designed to prevent airflow between the room and the attic, improving energy efficiency.
* **Wet Location Rated:** The internal circuitry is often sealed against moisture, making them suitable for bathrooms and outdoor soffits.
- ⤷
How do I troubleshoot a LEDSL4WH that is flickering when dimmed?
- ⤷ Can this light be used with a 277V commercial circuit?
- ⤷ What is the difference between the 'WH' and 'FL' model suffixes?