LNBP8K7-R
AI

The **LNBP8K7-R** is a specialized integrated circuit (IC) designed primarily for satellite receiver systems (LNBs - Low Noise Blocks). It acts as a voltage regulator and interface between a satellite receiver's microcontroller and the antenna's LNB.
---
## 1. Core Specifications
The LNBP8K7-R is specifically engineered to provide the required power and signaling to the antenna to select the polarization and band of the satellite signal.
| Parameter | Specification |
| :--- | :--- |
| **Function** | LNB Supply and Control Voltage Regulator |
| **Output Voltage** | 13V (Vertical) or 18V (Horizontal) |
| **Output Current** | Typically up to 400mA - 500mA |
| **Input Voltage Range** | 8V to 15V (Internal Boost converter increases this) |
| **Package Type** | PowerSO-10 (Surface Mount) |
| **Manufacturer** | STMicroelectronics |
---
## 2. Key Electronic Features
### A. Voltage Step-Up (Boost Converter)
Since satellite receivers usually operate on low DC voltages, the LNBP8K7-R includes a built-in step-up controller. It takes a low input voltage and boosts it to the **13V** or **18V** required by the LNB to switch polarizations.
### B. 22kHz Tone Signaling
To switch between low and high frequency bands, the IC can superimpose a **22kHz tone** onto the DC output. The LNBP8K7-R is designed to maintain a clean square wave even under heavy loads.
### C. Protection Circuitry
The chip is highly ruggedized to prevent damage from external faults:
* **Short-Circuit Protection:** Shuts down the output if the coaxial cable is shorted.
* **Thermal Shutdown:** Protects the IC if it exceeds safe operating temperatures.
* **Over-Current Limitation:** Limits current to prevent burning out the internal traces.
---
## 3. Typical Application Schematic
In a standard circuit, the LNBP8K7-R interacts with the following components:
```mermaid
graph LR
MCU[Microcontroller] -- I2C/Logic Pins --> LNBP[LNBP8K7-R]
Power[Input Power] --> LNBP
LNBP -- Coaxial Cable --> LNB[Satellite Dish]
```
### Essential External Components:
1. **Inductor (L1):** Used for the boost converter stage.
2. **Schottky Diode:** Required for the rectification of the boosted voltage.
3. **Filter Capacitors:** To smooth the DC output and reduce noise in the RF signal.
---
## 4. Pin Configuration Highlights
The **PowerSO-10** package is designed with a large bottom pad for heat dissipation. Key pins include:
* **VCC:** Input supply.
* **EXT:** Connection for the external switching transistor or inductor.
* **VOUT:** The regulated 13V/18V output sent to the coaxial connector.
* **SEL13/18:** Logic input to toggle the output voltage level.
---
- ⤷
What are the main differences between the LNBP8 and the LNBH25 series?
- ⤷ How do I troubleshoot a 'Short Circuit' error involving this IC?
- ⤷ Can this chip be used in DiSEqC 2.0 applications?